Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDS10A10 Datasheet(PDF) 2 Page - SemiHow Co.,Ltd.

Part # HDS10A10
Description  Switchmode Full Plastic Dual Schottky Barrier Power Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

HDS10A10 Datasheet(HTML) 2 Page - SemiHow Co.,Ltd.

  HDS10A10 Datasheet HTML 1Page - SemiHow Co.,Ltd. HDS10A10 Datasheet HTML 2Page - SemiHow Co.,Ltd. HDS10A10 Datasheet HTML 3Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
◎ SEMIHOW REV.A0,Nov 2010
Typical Characteristics
Figure 1. Forward Current Derating Curve
Figure 2. Typical Forward Characterisitics
Figure 3. Typical Reverse Characterisitics
Figure 4. Typical Junction Capacitance
Figure 5. Peak Forward Surge Current
FORWARD VOLTAGE [V]
CASE TEMPERATURE [℃]
REVERSE VOLTAGE [V]
REVERSE VOLTAGE [V]
NUMBER OF CYCLES AT 60 Hz
T
J=25℃
T
J=75℃
T
J=125℃



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com