Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSC106D Datasheet(PDF) 2 Page - SemiHow Co.,Ltd.

Part # HSC106D
Description  Sensitive Gate Silicon Controlled Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

HSC106D Datasheet(HTML) 2 Page - SemiHow Co.,Ltd.

  HSC106D Datasheet HTML 1Page - SemiHow Co.,Ltd. HSC106D Datasheet HTML 2Page - SemiHow Co.,Ltd. HSC106D Datasheet HTML 3Page - SemiHow Co.,Ltd. HSC106D Datasheet HTML 4Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
◎ SEMIHOW REV.1.1 May 2007
Electrical Characteristics (Ta=25℃)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
IGT
Gate Trigger Current
(1)
VAK= 6VDC, RL= 100Ω, TJ= 25℃
VAK= 6VDC, RL= 100Ω, TJ= -40℃
15
35
200
500
uA
VGT
Gate Trigger Voltage
(1)
VAK= 6VDC, RL= 100Ω, TJ= 25℃
VAK= 6VDC, RL= 100Ω, TJ= -40℃
0.4
0.5
0.6
0.75
0.8
1.0
V
VGD
Non Trigger Gate Voltage
VAK= 12VDC, RL= 100Ω, TC= 110℃
0.2
V
IH
Holding Current
VAK= 12VDC, Gate open,
Initiating current=20mA, TJ= 25℃
TJ= -40℃
TJ = 110℃
0.19
0.33
0.07
3.0
6.0
2.0
mA
IL
Latching Current
VAK= 12VDC, IG= 20mA,
Gate Open,
TJ= 25℃
TJ= 110℃
0.2
0.35
5.0
mA
VTM
Peak Forward On-State
Voltage
(2)
IFM=1A
2.2
V
IDRM
IRRM
Repetitive or Reverse
Peak Blocking Current
VAK= VDRM or VRRM,
TC= 25℃
TC= 110℃
10
100
uA
uA
dv/dt
Critical Rate of Rise
Off state Voltage
VAK = VDRM, Exponential waveform,
RGK= 1㏀, Gate open,
TJ=110℃
8.0
V/uS
(1) R
GK Current is not included in measurement
(2) Pulse Test : Pulse width ≤ 2.0mS, Duty Cycle ≤ 2%
℃/W
3.0
Junction to Case
Thermal Resistance
RTH(J-C)
℃
260
Maximum Lead Temperature for Soldering Purpose 1/8
”, from case
for 10second
TL
℃/W
75
Junction to Ambient
Thermal Resistance
RTH(J-A)
Units
Max
Typ
Min
Conditions
Parameter
Symbol
Thermal Characteristics



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com