Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTB1-600 Datasheet(PDF) 1 Page - SemiHow Co.,Ltd.

Part # HTB1-600
Description  BI-DIRECTIONAL TRIODE THYRISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

HTB1-600 Datasheet(HTML) 1 Page - SemiHow Co.,Ltd.

  HTB1-600 Datasheet HTML 1Page - SemiHow Co.,Ltd. HTB1-600 Datasheet HTML 2Page - SemiHow Co.,Ltd. HTB1-600 Datasheet HTML 3Page - SemiHow Co.,Ltd. HTB1-600 Datasheet HTML 4Page - SemiHow Co.,Ltd. HTB1-600 Datasheet HTML 5Page - SemiHow Co.,Ltd. HTB1-600 Datasheet HTML 6Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
◎ SEMIHOW REV.1.0 Jan 2006
Repetitive Peak Off-State Voltage: 600V
R.M.S On-state Current (IT(RMS)=1A)
High Commutation dv/dt
FEATURES
HTB1-600
BI-DIRECTIONAL TRIODE THYRISTOR
(TRIAC)
The TRIAC HTB1-600 is suitable for AC switching application, phase
control application such as heater control, motor control, lighting control,
and static switching relay.
General Description
VDRM = 600 V
IT(RMS) = 1.0A
1.T1
Symbol
3.T2
2.Gate
Absolute Maximum Ratings (Ta=25℃)
Symbol
Parameter
Value
Units
VDRM
Repetitive Peak Off-State Voltage
600
V
IT(RMS)
R.M.SOn-State Current (Ta = 95
℃)1
A
VGM
Peak Gate Voltage
6
V
IGM
Peak Gate Current
0.5
A
PG(AV)
Average Gate Power Dissipation
0.1
W
PGM
Peak Gate Power Dissipation
1
W
TSTG
Storage Temperature Range
-40 to +125
℃
Tj
OperatingTemperature
-40 to +125
℃
ITSM
9.1/10
A
Surge On-State Current
(One Cycle, 50/60Hz, Peak, Non Repetitive)
TO-92
1. T1
2. Gate
3. T2
2
1
3


Similar Part No. - HTB1-600

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HTB1-800 SEMIHOW-HTB1-800 Datasheet
633Kb / 6P
BI-DIRECTIONAL TRIODE THYRISTOR
More results

Similar Description - HTB1-600

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BT134-F ETC-BT134-F Datasheet
670Kb / 6P
BI- DIRECTIONAL TRIODE THYRISTOR
STF4A60 ETC1-STF4A60 Datasheet
655Kb / 6P
Bi-Directional Triode Thyristor
logo
SemiWell Semiconductor
BT134F SEMIWELL-BT134F Datasheet
651Kb / 6P
Bi-Directional Triode Thyristor
BT138F-600 SEMIWELL-BT138F-600 Datasheet
681Kb / 6P
Bi-Directional Triode Thyristor
STF12A60 SEMIWELL-STF12A60 Datasheet
728Kb / 6P
Bi-Directional Triode Thyristor
BT136-D SEMIWELL-BT136-D Datasheet
605Kb / 5P
Bi-Directional Triode Thyristor
BTA08-600B SEMIWELL-BTA08-600B Datasheet
660Kb / 6P
Bi-Directional Triode Thyristor
BTA12-600B SEMIWELL-BTA12-600B Datasheet
643Kb / 6P
Bi-Directional Triode Thyristor
STR2A60 SEMIWELL-STR2A60 Datasheet
487Kb / 5P
Bi-Directional Triode Thyristor
STR4A80 SEMIWELL-STR4A80 Datasheet
601Kb / 6P
Bi-Directional Triode Thyristor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com