Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTB1-800 Datasheet(PDF) 3 Page - SemiHow Co.,Ltd.

Part # HTB1-800
Description  BI-DIRECTIONAL TRIODE THYRISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

HTB1-800 Datasheet(HTML) 3 Page - SemiHow Co.,Ltd.

  HTB1-800 Datasheet HTML 1Page - SemiHow Co.,Ltd. HTB1-800 Datasheet HTML 2Page - SemiHow Co.,Ltd. HTB1-800 Datasheet HTML 3Page - SemiHow Co.,Ltd. HTB1-800 Datasheet HTML 4Page - SemiHow Co.,Ltd. HTB1-800 Datasheet HTML 5Page - SemiHow Co.,Ltd. HTB1-800 Datasheet HTML 6Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
◎ SEMIHOW REV.1.0 Jan 2006
Performance Curves
Fig 2.On-State Voltage
On-state Voltage (V)
10
-1
10
0
10
1
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
Fig 1. Gate Characteristics
Gate Current (mA)
10
1
10
0
10
-1
10
0
10
1
10
2
10
3
RMS On-State Current (A)
Fig 3. Gate Trigger Voltage
vs. Junction Temperature
Junction Temperature (℃)
10
1
0.1
-50
0
50
100
150
Fig 4. On State Current
vs. Maximum Power Dissipation
1.5
1.2
0.9
0.6
0.3
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.0
Fig 5. On State Current
vs. Allowable Case Temperature
RMS On-State Current (A)
0.2
0.4
0.6
0.8
1.0
130
110
100
80
70
60
50
40
1.2
0.0
Time (Cycles)
10
0
10
1
10
2
12
10
8
6
4
2
0
Fig 6. Surge On-State Current
Rating (Non-Repetitive)
5.0
V+
GT1
V-
GT1
V+
GT1
V-
GT3
120
90



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com