Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN54/74LS249 Datasheet(PDF) 6 Page - Motorola, Inc

Part # SN54/74LS249
Description  BCD-TO-SEVEN-SEGMENT DECODERS/DRIVERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

SN54/74LS249 Datasheet(HTML) 6 Page - Motorola, Inc

  SN54/74LS249 Datasheet HTML 1Page - Motorola, Inc SN54/74LS249 Datasheet HTML 2Page - Motorola, Inc SN54/74LS249 Datasheet HTML 3Page - Motorola, Inc SN54/74LS249 Datasheet HTML 4Page - Motorola, Inc SN54/74LS249 Datasheet HTML 5Page - Motorola, Inc SN54/74LS249 Datasheet HTML 6Page - Motorola, Inc SN54/74LS249 Datasheet HTML 7Page - Motorola, Inc SN54/74LS249 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
5-407
FAST AND LS TTL DATA
SN54/74LS249
GUARANTEED OPERATING RANGES
Symbol
Parameter
Min
Typ
Max
Unit
VCC
Supply Voltage
54
74
4.5
4.75
5.0
5.0
5.5
5.25
V
TA
Operating Ambient Temperature Range
54
74
– 55
0
25
25
125
70
°C
IOH
Output Current — High
BI / RBO
54, 74
– 50
µA
IOL
Output Current — Low
BI / RBO
Output Current — Low
BI / RBO
54
74
1.6
3.2
mA
VOH
Output Voltage — High
a – g
54, 74
5.5
V
IOL
Output Current — Low
a – g
Output Current — Low
a – g
54
74
4.0
8.0
mA
DC CHARACTERISTICS OVER OPERATING TEMPERATURE RANGE (unless otherwise specified)
Symbol
Parameter
Limits
Unit
Test Conditions
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
VIH
Input HIGH Voltage
2.0
V
Guaranteed Input HIGH Voltage for
All Inputs
VIL
Input LOW Voltage
54
0.7
V
Guaranteed Input LOW Voltage for
All Inputs
VIL
Input LOW Voltage
74
0.8
V
Guaranteed Input LOW Voltage for
All Inputs
VIK
Input Clamp Diode Voltage
– 0.65
– 1.5
V
VCC = MIN, IIN = – 18 mA
VOH
Output HIGH Voltage
BI / RBO
54
2.4
4.2
V
VCC = MIN, IOH = MAX, VIN = VIH
or VIL per Truth Table
VOH
Output HIGH Voltage
BI / RBO
74
2.4
4.2
V
VCC = MIN, IOH = MAX, VIN = VIH
or VIL per Truth Table
IOH
Output HIGH Current
a – g
54, 74
250
µA
VCC = MIN, VIH = 2.0 V,
VOH = 5.5 V, VIL = MAX
VOL
Output LOW Voltage
BI / RBO
54, 74
0.25
0.4
V
IOL = 1.6 mA
VCC = MIN, VIH = 2.0 V,
VIL = per Truth Table
VOL
74
0.35
0.5
V
IOL = 3.2 mA
VCC = MIN, VIH = 2.0 V,
VIL = per Truth Table
VOL
a – g
54, 74
0.25
0.4
V
IOL = 4.0 mA
VIL = per Truth Table
74
0.35
0.5
V
IOL = 8.0 mA
IIH
Input HIGH Current
Any Input, except BI / RBO
20
µA
VCC = MAX, VIN = 2.7 V
IIH
Input HIGH Current
Any Input, except BI / RBO
0.1
mA
VCC = MAX, VIN = 7.0 V
IIL
Input LOW Current
Any Input, except BI / RBO
– 0.4
mA
VCC = MAX, VIN = 0.4 V
IIL
BI / RBO
– 1.2
mA
VCC = MAX, VIN = 0.4 V
IOS
Short Circuit Current
BI / RBO (Note 1)
– 0.3
– 2.0
mA
VCC = MAX
ICC
Power Supply Current
8.0
15
mA
VCC = MAX
Note 1: Not more than one output should be shorted at a time, nor for more than 1 second.
AC CHARACTERISTICS (VCC = 5.0 V, TA = 25°C)
Symbol
Parameter
Limits
Unit
Test Conditions
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
tPHL
tPLH
Propagation Delay Time, High-to-Low-Level Output from A Input
Propagation Delay Time, Low-to-High-Level Output from A Input
100
100
ns
CL = 15 pF, RL = 2.0 Ω
tPHL
tPLH
Propagation Delay Time, High-to-Low-Level Output from RBI Input
Propagation Delay Time, Low-to-High-Level Output from RBI Input
100
100
ns
CL = 15 pF, RL = 6.0 Ω



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com