Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPWR300SA Datasheet(PDF) 11 Page - California Micro Devices Corp

Part # CMPWR300SA
Description  500mA SMARTOR Dual Regulator with V switch?
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CMPWR300SA Datasheet(HTML) 11 Page - California Micro Devices Corp

Back Button CMPWR300SA Datasheet HTML 3Page - California Micro Devices Corp CMPWR300SA Datasheet HTML 4Page - California Micro Devices Corp CMPWR300SA Datasheet HTML 5Page - California Micro Devices Corp CMPWR300SA Datasheet HTML 6Page - California Micro Devices Corp CMPWR300SA Datasheet HTML 7Page - California Micro Devices Corp CMPWR300SA Datasheet HTML 8Page - California Micro Devices Corp CMPWR300SA Datasheet HTML 9Page - California Micro Devices Corp CMPWR300SA Datasheet HTML 10Page - California Micro Devices Corp CMPWR300SA Datasheet HTML 11Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
© 2000 Calirornia Micro Devices Corp. All rights reserved.
12/5/2000
215 Topaz Street, Milpitas, California 95035
Tel: (408) 263-3214
Fax: (408) 263-7846
www.calmicro.com
CALIFORNIA MICRO DEVICES
CMPWR300
11
Fig 3.2. Output Voltage (Rated) vs. Temperature. This
shows the regulator steady state performance when fully
loaded (500mA) in an ambient temperature up to the rated
maximum of 70°C. The output variation at maximum load is
below 10mV across the normal temperature operating.
Fig 3.3. Thresholds vs. Temperature.
This shows the regulator select/deselect threshold variation
up to the maximum rated junction temperature. The overall
125°C change in junction temperature causes a 30mV
variation in the select threshold voltage (regulator enable).
The deselect threshold level varies about 30mV over the
125°C change in junction temperature. This results in the
built-in hysteresis have a minimal variation of 40mV over
the entire operating junction temperature range. The hysteresis
increases with temperature up to 240mV at 125°C.
Fig 3.4. V
AUX Switch Resistance vs. Temperature.
This shows the V
AUX switch ON resistance variation up to the
maximum rated junction temperature. The overall 125°C
change in junction temperature causes a 80mΩ variation in
the switch resistance. The switch resistance remains below
0.2Ω, even at a junction temperature of 125°C.
Typical Thermal Characteristics cont’d
Fig 3.3. Thresholds vs. Temperature
4.1
4.2
4.3
4.4
4.5
0
25
50
75
100
125
150
Junction Temperature [°C]
Vselect
Vdeselect
Fig 3.4. Vaux Switch Resistance vs.
Temperature
0
40
80
120
160
200
025
50
75
100
125
Junction Temperature [°C]
Fig 3.2. Output Voltage (Rated) vs.
Temperature
3.280
3.290
3.300
3.310
3.320
0
102030
40
5060
70
Ambient Temperature [° C]
500mA load



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com