Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPWR330 Datasheet(PDF) 5 Page - California Micro Devices Corp

Part # CMPWR330
Description  400mA SMARTOR Dual Regulator with V switch?
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CMPWR330 Datasheet(HTML) 5 Page - California Micro Devices Corp

  CMPWR330 Datasheet HTML 1Page - California Micro Devices Corp CMPWR330 Datasheet HTML 2Page - California Micro Devices Corp CMPWR330 Datasheet HTML 3Page - California Micro Devices Corp CMPWR330 Datasheet HTML 4Page - California Micro Devices Corp CMPWR330 Datasheet HTML 5Page - California Micro Devices Corp CMPWR330 Datasheet HTML 6Page - California Micro Devices Corp CMPWR330 Datasheet HTML 7Page - California Micro Devices Corp CMPWR330 Datasheet HTML 8Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
CALIFORNIA MICRO DEVICES
3/6/2001
5
215 Topaz Street, Milpitas, California 95035

Tel: (408) 263-3214
Fax: (408) 263-7846
www.calmicro.com
CMPWR330
©2001 California Micro Devices Corp. All rights reserved. Smart OR™ is a trademark of California Micro Devices.
Typical DC Characteristics
Figure 7. Load Regulation (5V Supply)
Figure 8. Foldback Current Limit Protection
Figure 9. Regulator Dropout Characteristics
Figure 10. Switch Resistance vs V
AUX Supply
0
100
200
300
400
500
600
Load Current (mA)
3.15
3.20
3.25
3.30
3.35
3.40
3.45
0
100
200
300
400
Load Current (mA)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
3.0
3.1
3.2
3.3
3.4
3.5
3.6
VAUX INPUT VOLTAGE (V)
0.20
0.25
0.30
0.35
0.40
0
100
200
300
400
500
600
Output Current (mA)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com