Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPWR150SAT Datasheet(PDF) 5 Page - California Micro Devices Corp

Part # CMPWR150SAT
Description  500mA/3.3V SMARTOR Power Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CMPWR150SAT Datasheet(HTML) 5 Page - California Micro Devices Corp

  CMPWR150SAT Datasheet HTML 1Page - California Micro Devices Corp CMPWR150SAT Datasheet HTML 2Page - California Micro Devices Corp CMPWR150SAT Datasheet HTML 3Page - California Micro Devices Corp CMPWR150SAT Datasheet HTML 4Page - California Micro Devices Corp CMPWR150SAT Datasheet HTML 5Page - California Micro Devices Corp CMPWR150SAT Datasheet HTML 6Page - California Micro Devices Corp CMPWR150SAT Datasheet HTML 7Page - California Micro Devices Corp CMPWR150SAT Datasheet HTML 8Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
© 1999 California Micro Devices Corp. All rights reserved.
9/99
215 Topaz Street, Milpitas, California 95035
Tel: (408) 263-3214
Fax: (408) 263-7846
www.calmicro.com
5
CMPWR150
CALIFORNIA MICRO DEVICES
When V
AUX is present, the VCC supply current is less than
10µA until V
CC exceeds VAUX, at which point VCC then powers
the controller (0.15mA). When V
CC reaches VSELECT, the
regulator is enabled.
Typical Transient Characteristics
The transient characterization test set-up shown below
includes the effective source impedance of the V
CC supply
(R
S). This was measured to be approximately 0.2Ω. It is
recommended that this effective source impedance be no
greater than 0.25Ω to ensure precise switching is maintained
during V
CC selection and deselection.
Both the rise and fall times during V
CC power-up/down
sequencing were controlled at a 20 millisecond duration.
This is considered to represent worst case conditions for
most application circuits.
A maximum rated load current of 500mA was used during
characterization, unless specified otherwise.
Typical DC Characteristics (continued)
Figure 4. V
CC Supply Current (No Load).
During a selection or deselection transition, the DC load
current is switching from V
AUX to VCC and vice versa. In
addition to the normal load current, there may also be an
in-rush current for charging/discharging the load capacitor.
The total current pulse being applied to either V
AUX or VCC is
equal to the sum of the dc load and the corresponding in-
rush current. Transient currents in excess of 1.0 amps can
readily occur for brief intervals when either supply
commences to power the load.
The oscilloscope traces of V
CC power-up/down show the
full bandwidth response at the V
CC and VOUT pins under full
load (500mA) conditions.
See Application Note AP-211 for more information.
V
CC Power-up Cold Start.
Figure 5 shows the output
response during an initial V
CC power-up with VAUX not
present. When V
CC reaches the select threshold, the
regulator turns on. The uncharged output capacitor causes
maximum in-rush current to flow, resulting in a large
voltage disturbance at the V
CC pin of about 230mV. The
built-in hysteresis of 250mV ensures the regulator remains
enabled throughout the transient.
Prior to V
CC reaching an acceptable logic supply level (2V),
a disturbance on the Drive pin can be observed.
Figure 5. V
CC Power-up Cold Start.
F
V
CC Supply Current of the device is shown across the entire VCC
range for both V
AUX present (3.3V) and absent (0V) in Figure 4.
In the absence of V
AUX, the supply current remains fixed at
approximately 0.15mA until V
CC reaches the Select voltage
threshold of 4.35V. At this point the regulator is enabled
and a supply current of 1.0mA is conducted.
Transient Characteristics Test Set-up
CMPWR150



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com