Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPWR330SAT Datasheet(PDF) 6 Page - California Micro Devices Corp

Part # CMPWR330SAT
Description  400mA SMARTOR Dual Regulator with V switch?
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CMPWR330SAT Datasheet(HTML) 6 Page - California Micro Devices Corp

  CMPWR330SAT Datasheet HTML 1Page - California Micro Devices Corp CMPWR330SAT Datasheet HTML 2Page - California Micro Devices Corp CMPWR330SAT Datasheet HTML 3Page - California Micro Devices Corp CMPWR330SAT Datasheet HTML 4Page - California Micro Devices Corp CMPWR330SAT Datasheet HTML 5Page - California Micro Devices Corp CMPWR330SAT Datasheet HTML 6Page - California Micro Devices Corp CMPWR330SAT Datasheet HTML 7Page - California Micro Devices Corp CMPWR330SAT Datasheet HTML 8Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
CALIFORNIA MICRO DEVICES
©2001 California Micro Devices Corp. All rights reserved. Smart OR™ is a trademark of California Micro Devices.
3/6/2001
215 Topaz Street, Milpitas, California 95035

Tel: (408) 263-3214
Fax: (408) 263-7846
www.calmicro.com
6
CMPWR330
Typical Transient Characteristics (Supply source resistance set to 0.2
Ω)
Figure 11. V
CC Cold Start (Load = 400mA)
Figure 12. V
CC Full Power Down (Load = 400mA)
Figure 13. V
SBY Cold Start (Load = 400mA)
Figure 14. V
SBY Full Power Down (Load = 400mA)
Figure 15.V
AUX Cold Start (Load = 400mA)
Figure 16. V
AUX Full Power Down (Load = 400mA)
4.48V
VCC
VOUT
M 2ms
1V
Ch1
1V
Tek Run: 25kS/s
Sample
Ch2
VCC
VOUT
25kS/s
Tek
1 Acqs
1.44V
M 2ms
1V
Ch1
1V
Ch2
1.02V
VSYB
VOUT
M 2ms
1V
Ch1
1V
Tek Run: 25kS/s
Sample
Ch1
VSBY
VOUT
Tek Run: 25kS/s Sample
3.56V
M 2ms
1V
Ch1
1V
Ch2
1.26V
VAUX
VOUT
1
M 2ms
1V
Ch1
1V
Tek Run: 25kS/s
Sample
Ch1
2.60V
VAUX
VOUT
1
M 2ms
1V
Ch1
1V
Tek Run: 25kS/s
Sample
Ch1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com