Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9LPRS502 Datasheet(PDF) 22 Page - List of Unclassifed Manufacturers

Part # ICS9LPRS502
Description  56-PIN CK505 W/FULLY INTEGRATED VOLTAGE REGULATOR INTEGRATED SERIES RESISTOR
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ICS9LPRS502 Datasheet(HTML) 22 Page - List of Unclassifed Manufacturers

Back Button ICS9LPRS502 Datasheet HTML 18Page - List of Unclassifed Manufacturers ICS9LPRS502 Datasheet HTML 19Page - List of Unclassifed Manufacturers ICS9LPRS502 Datasheet HTML 20Page - List of Unclassifed Manufacturers ICS9LPRS502 Datasheet HTML 21Page - List of Unclassifed Manufacturers ICS9LPRS502 Datasheet HTML 22Page - List of Unclassifed Manufacturers ICS9LPRS502 Datasheet HTML 23Page - List of Unclassifed Manufacturers ICS9LPRS502 Datasheet HTML 24Page - List of Unclassifed Manufacturers ICS9LPRS502 Datasheet HTML 25Page - List of Unclassifed Manufacturers ICS9LPRS502 Datasheet HTML 26Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
IDTTM/ICSTM
56-pin CK505 w/Fully Integrated Voltage Regulator + Integrated Series Resistor
1125E—02/26/09
Advance Information
ICS9LPRS502
56-PIN CK505 W/FULLY INTEGRATED VOLTAGE REGULATOR + INTEGRATED SERIES RESISTOR
22
Byte 10 CK505 Rev 0.85 functions (ICS Rev H silicon and higher)
Bit
Pin
Name
Description
Type
Default
7
SRC5_EN Readback
Readback of SRC5 enable latch
R
Latch
6
Reserved
RW
0
5
Reserved
RW
0
4
Reserved
RW
0
3
Reserved
RW
0
2
Reserved
RW
0
1
CPU 1 Stop Enable
Enables control of CPU1 with CPU_STOP#
RW
1
0
CPU 0 Stop Enable
Enables control of CPU 0 with CPU_STOP#
RW
1
Byte 11 CK505 Rev 1.0 functions (ICS Rev P silicon and higher)
Bit
Pin
Name
Description
Type
Default
7
Reserved
RW
0
6
Reserved
RW
0
5
Reserved
RW
0
4
Reserved
RW
0
3
CPU2_iAMT_EN
Enables CPU2(ITP) output in iAMT state (M1)
RW
0
2
CPU1_iAMT_EN
Enables CPU1 output in iAMT state (M1)
RW
1
1
PCIe-Gen2
PCIe-Gen2 status
R
0
0
CPU2 Stop Enable
Enables control of CPU2(ITP) with CPU_STOP#
RW
1
Byte 12 Byte Count Register
Bit
Pin
Name
Description
Type
Default
7
Reserved
RW
0
6
Reserved
RW
0
5
BC5
RW
0
4
BC4
RW
0
3
BC3
RW
1
2
BC2
RW
1
1
BC1
RW
0
0
BC0
RW
1
Byte 13 CK505 PLL1 M/N Programming Register
Bit
Pin
Name
Description
Type
Default
7
N Div8
N Divider 8
RW
X
6
N Div9
N Divider 9
RW
X
5
M Div5
RW
X
4
M Div4
RW
X
3
M Div3
RW
X
2
M Div2
RW
X
1
M Div1
RW
X
0
M Div0
RW
X
Byte 14 CK505 PLL1 M/N Programming Register
Bit
Pin
Name
Description
Type
Default
7
N Div7
RW
X
6
N Div6
RW
X
5
N Div5
RW
X
4
N Div4
RW
X
3
N Div3
RW
X
2
N Div2
RW
X
1
N Div1
RW
X
0
N Div0
RW
X
Reserved
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
01
-
-
-
-
-
-
-
-
-
-
-
01
-
-
Stoppable
01
Off in iAMT
non-Gen2
Free Running
TBD
TBD
TBD
TBD
Free running in iAMT
Free running in iAMT
PCIe Gen2 compliant
TBD
TBD
TBD
Off in iAMT
Stoppable
01
TBD
TBD
Free Running
Free Running
SRC5 Enabled
TBD
TBD
TBD
TBD
TBD
Stoppable
TBD
TBD
TBD
TBD
01
CPU/PCI Stop Enabled
The decimal representation of M and N Divider in Byte
13 and 14 will configure the VCO frequency. Default
at power up = latch-in or Byte 0 Rom table.
-
-
-
The decimal representation of M and N Divider in Byte
13 and 14 will configure the VCO frequency. Default
at power up = latch-in or Byte 0 Rom table.
Read Back byte count register,
max bytes = 32
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com