Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL357NETA-VG Datasheet(PDF) 10 Page - Everlight Electronics Co., Ltd

Part # EL357NETA-VG
Description  4 PIN SOP PHOTOTRANSISTOR PHOTOCOUPLER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

EL357NETA-VG Datasheet(HTML) 10 Page - Everlight Electronics Co., Ltd

Back Button EL357NETA-VG Datasheet HTML 3Page - Everlight Electronics Co., Ltd EL357NETA-VG Datasheet HTML 4Page - Everlight Electronics Co., Ltd EL357NETA-VG Datasheet HTML 5Page - Everlight Electronics Co., Ltd EL357NETA-VG Datasheet HTML 6Page - Everlight Electronics Co., Ltd EL357NETA-VG Datasheet HTML 7Page - Everlight Electronics Co., Ltd EL357NETA-VG Datasheet HTML 8Page - Everlight Electronics Co., Ltd EL357NETA-VG Datasheet HTML 9Page - Everlight Electronics Co., Ltd EL357NETA-VG Datasheet HTML 10Page - Everlight Electronics Co., Ltd EL357NETA-VG Datasheet HTML 11Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
DATASHEET
4 PIN SOP PHOTOTRANSISTOR PHOTOCOUPLER
EL357N-G series
10
Copyright © 2010, Everlight All Rights Reserved. Release Date : May 13, 2013. Issue No:DPC-0000014 Rev.5
www.everlight.com
Precautions for Use
1. Soldering Condition
1.1 (A) Maximum Body Case Temperature Profile for evaluation of Reflow Profile
Note:
Reference: IPC/JEDEC J-STD-020D
Preheat
Temperature min (Tsmin)
150 °C
Temperature max (Tsmax)
200°C
Time (Tsmin to Tsmax) (ts)
60-120 seconds
Average ramp-up rate (Tsmax to Tp)
3 °C/second max
Other
Liquidus Temperature (TL)
217 °C
Time above Liquidus Temperature (t L)
60-100 sec
Peak Temperature (TP)
260°C
Time within 5 °C of Actual Peak Temperature: TP - 5°C
30 s
Ramp- Down Rate from Peak Temperature
6°C /second max.
Time 25°C to peak temperature
8 minutes max.
Reflow times
3 times
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com