Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL357NETB-VG Datasheet(PDF) 1 Page - Everlight Electronics Co., Ltd

Part # EL357NETB-VG
Description  4 PIN SOP PHOTOTRANSISTOR PHOTOCOUPLER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

EL357NETB-VG Datasheet(HTML) 1 Page - Everlight Electronics Co., Ltd

  EL357NETB-VG Datasheet HTML 1Page - Everlight Electronics Co., Ltd EL357NETB-VG Datasheet HTML 2Page - Everlight Electronics Co., Ltd EL357NETB-VG Datasheet HTML 3Page - Everlight Electronics Co., Ltd EL357NETB-VG Datasheet HTML 4Page - Everlight Electronics Co., Ltd EL357NETB-VG Datasheet HTML 5Page - Everlight Electronics Co., Ltd EL357NETB-VG Datasheet HTML 6Page - Everlight Electronics Co., Ltd EL357NETB-VG Datasheet HTML 7Page - Everlight Electronics Co., Ltd EL357NETB-VG Datasheet HTML 8Page - Everlight Electronics Co., Ltd EL357NETB-VG Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
Copyright © 2010, Everlight All Rights Reserved. Release Date : May 13, 2013. Issue No: DPC-0000014 Rev. 5
www.everlight.com
4 PIN SOP PHOTOTRANSISTOR PHOTOCOUPLER
EL357N-G Series
Features:
• Halogens free
• Current transfer ratio
(CTR: 50~600% at IF =5mA, VCE =5V)
• High isolation voltage between input and output
(Viso=3750 V rms )
• Compact 4 Pin SOP with a 2.0 mm profile
• Pb free and RoHS compliant.
UL approved (No. E214129)
VDE approved (No. 132249)
SEMKO approved
NEMKO approved
DEMKO approved
FIMKO approved
CSA approved (No. 1408633)
Description
The EL357N-G series contains an infrared emitting diode, optically coupled to a phototransistor detector.
The devices in a 4-pin small outline SMD package.
Applications
DC-DC Converters
Programmable controllers
Telecommunication equipments
Signal transmission between circuits of different potentials and impedances
Schematic
Pin Configuration
1. Anode
2. Cathode
3. Emitter
4. Collector


Similar Part No. - EL357NETB-VG

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EL357NE EVERLIGHT-EL357NE Datasheet
374Kb / 11P
4 PIN ULTRA SMALL SOP
EL357NE EVERLIGHT-EL357NE Datasheet
714Kb / 11P
4 PIN SOP PHOTOTRANSISTOR PHOTOCOUPLER
EL357NE(TA)-VG EVERLIGHT-EL357NE(TA)-VG Datasheet
374Kb / 11P
4 PIN ULTRA SMALL SOP
EL357NE(TB)-VG EVERLIGHT-EL357NE(TB)-VG Datasheet
374Kb / 11P
4 PIN ULTRA SMALL SOP
More results

Similar Description - EL357NETB-VG

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EL357 EVERLIGHT-EL357_08 Datasheet
321Kb / 11P
4 PIN SOP PHOTOTRANSISTOR PHOTOCOUPLER
EL354N-G EVERLIGHT-EL354N-G Datasheet
407Kb / 11P
4 PIN SOP PHOTOTRANSISTOR
EL357NC-G EVERLIGHT-EL357NC-G Datasheet
374Kb / 11P
4 PIN ULTRA SMALL SOP PHOTOTRANSISTOR PHOTOCOUPLER
2010-01-15
EL357NB-G EVERLIGHT-EL357NB-G Datasheet
2Mb / 11P
4 PIN SOP PHOTOTRANSISTOR PHOTOCOUPLER
logo
Renesas Technology Corp
PS2761B-1 RENESAS-PS2761B-1_15 Datasheet
282Kb / 15P
4-PIN SOP PHOTOCOUPLER
logo
Everlight Electronics C...
EL20X EVERLIGHT-EL20X_14 Datasheet
734Kb / 12P
8 PIN SOP PHOTOTRANSISTOR PHOTOCOUPLER
June 10, 2014
EL101X-G EVERLIGHT-EL101X-G_17 Datasheet
1Mb / 12P
4 PIN LONG CREEPAGE SOP PHOTOTRANSISTOR PHOTOCOUPLER
EL121N EVERLIGHT-EL121N Datasheet
1Mb / 11P
4 PIN SOP PHOTOTRANSISTOR PHOTOCOUPLER
EL357N-G EVERLIGHT-EL357N-G_14 Datasheet
714Kb / 11P
4 PIN SOP PHOTOTRANSISTOR PHOTOCOUPLER
EL354N-G EVERLIGHT-EL354N-G_16 Datasheet
787Kb / 11P
4 PIN SOP PHOTOTRANSISTOR PHOTOCOUPLER AC INPUT PHOTOCOUPLE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com