Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5010JT Datasheet(PDF) 9 Page - Exar Corporation

Part # MP5010JT
Description  5V, Low Power, Voltage Output Serial 8/10/12-Bit DAC Family
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP5010JT Datasheet(HTML) 9 Page - Exar Corporation

Back Button MP5010JT Datasheet HTML 5Page - Exar Corporation MP5010JT Datasheet HTML 6Page - Exar Corporation MP5010JT Datasheet HTML 7Page - Exar Corporation MP5010JT Datasheet HTML 8Page - Exar Corporation MP5010JT Datasheet HTML 9Page - Exar Corporation MP5010JT Datasheet HTML 10Page - Exar Corporation MP5010JT Datasheet HTML 11Page - Exar Corporation MP5010JT Datasheet HTML 12Page - Exar Corporation MP5010JT Datasheet HTML 13Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
XRD5408/10/12
9
Rev. 1.20
Figure 6. Shift Register Format
DOUT
SDIN
X
X
X
X
DAC
MSB
n
The DACs are programmed by a 16 bit word of serial data.
The format of the serial input register is shown in Figure 6.
The leading 4 bits are not used to update the DAC. If the
DAC is not daisy-chained then only a 12 bit serial word is
needed to program the DAC. The next 8, 10 or 12 bits
after the 4 leading bits are data bits. The XRD5408’s first
8 bits are valid data and the trailing 4 bits must be set to 0.
Figure 7 demonstrates the 16 bit digital word for the 8,
10,12 bit DACs.
Part
Leading
Unused
Bits
Data Bits
MSB
LSB
Trailing
“0”
Bits
XRD5412
XXXX
XXXXXXXX
None
XRD5410
XXXX
XXXXXXXX
00
XRD5408
XXXX
XXXXXXXX
0000
Table 2. 16-Bit Digital Word Register for XRD5408,
XRD5410, XRD5412.
SCLK should be held low when CS transitions low. Data is
clocked in on the rising edge of SCLK when CS is low.
SDIN data is held in a 16 bit serial shift register. The DAC
is updated with the data bits on the rising edge of CS.
When CS is high data is not shifted into the
XRD5408/10/12.
Daisy-Chaining
The digital output port (DOUT) has a 4mA drive for greater
fan-out capability when daisy-chaining. DOUT allows
cascading of multiple DACs with the same serial data
stream. The data at SDIN appears at DOUT after 16 clock
cycles plus one clock width (tCH) and a propagation delay
(tDO). DOUT remains in the state of the last data bit when
CS is high. DOUT changes on the falling edge of SCLK
when CS is low.
Any number of DACs can be connected in this way by
connecting DOUT of one DAC to SDIN of the next DAC.
ACFT Feedthrough (DAC Code = 0)
AC Feedthrough from VREFIN to VOUT is minimized with
low impedance grounding as shown in
Figure 7. If the
DAC data is set to all “0”s then VOUT is a function of the
divider between the DAC string impedance and ground
impedance. See the Power Supply and Grounding
section for recommendations.
The typical AC
feedthrough for a 1kHz 2Vpp signal with code = 0 is
-80dB.
Figure 7. ACFT Feedthrough Equivalent
Circuit, DAC Code =0
VREFIN
XRD5408/10/12
VOUT
GND
RGND
Analog GND
RIN
--
+
Compatible with MAX515 & MAX539
The XRD5408/10/12 family of DACs are functionally
campatible with the MAX515 & MAX539 while providing
significant improvements. The XRD5408/10/12 DACs
have lower power, faster serial ports, and a constant
reference impedance to minimize the reference driving
requirements and maximize system linearity. The DOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com