Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LS298 Datasheet(PDF) 2 Page - Motorola, Inc

Part # 74LS298
Description  QUAD 2-INPUT MULTIPLEXER WITH STORAGE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

74LS298 Datasheet(HTML) 2 Page - Motorola, Inc

  74LS298 Datasheet HTML 1Page - Motorola, Inc 74LS298 Datasheet HTML 2Page - Motorola, Inc 74LS298 Datasheet HTML 3Page - Motorola, Inc 74LS298 Datasheet HTML 4Page - Motorola, Inc 74LS298 Datasheet HTML 5Page - Motorola, Inc 74LS298 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
5-474
FAST AND LS TTL DATA
SN54/74LS298
LOGIC OR BLOCK DIAGRAM
S
I1a
I0a
I1b
I0b
I1c
I0c
I1d
I0d
CP
R
CP
S Qa
R
CP
S Qb
Qa
Qb
Qc
Qd
14
1
2
6
7
3
4
5
9
11
12
10
13
15
VCC = PIN 16
GND = PIN 8
= PIN NUMBERS
R
CP
S Qc
R
CP
S Qd
FUNCTIONAL DESCRIPTION
The LS298 is a high speed Quad 2-Port Register. It selects
four bits of data from two sources (ports)under the control of a
Common Select Input (S). The selected data is transferred to
the 4-bit output register synchronous with the HIGH to LOW
transition of the Clock input (CP). The 4-bit output register is
fully edge-triggered. The Data inputs (I) and Select input (S)
must be stable only one setup time prior to the HIGH to LOW
transition of the clock for predictable operation.
TRUTH TABLE
INPUTS
OUTPUT
S
I0
I1
Q
I
I
X
L
I
h
X
H
h
X
I
L
h
X
h
H
L = LOW Voltage Level
H = HIGH Voltage Level
X = Don’t Care
I = LOW Voltage Level one setup time prior to the HIGH to LOW clock transition.
h = HIGH Voltage Level one setup time prior to the HIGH to LOW clock transition.
GUARANTEED OPERATING RANGES
Symbol
Parameter
Min
Typ
Max
Unit
VCC
Supply Voltage
54
74
4.5
4.75
5.0
5.0
5.5
5.25
V
TA
Operating Ambient Temperature Range
54
74
– 55
0
25
25
125
70
°C
IOH
Output Current — High
54, 74
– 0.4
mA
IOL
Output Current — Low
54
74
4.0
8.0
mA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com