Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC27A01TB Datasheet(PDF) 1 Page - California Micro Devices Corp

Part # PAC27A01TB
Description  P/ACTIVE PRECISION VOLTAGE DIVIDER NETWORK
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

PAC27A01TB Datasheet(HTML) 1 Page - California Micro Devices Corp

  PAC27A01TB Datasheet HTML 1Page - California Micro Devices Corp PAC27A01TB Datasheet HTML 2Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2000 California Micro Devices Corp. All rights reserved.
4/00
215 Topaz Street, Milpitas, California 95035
Tel: (408) 263-3214
Fax: (408) 263-7846
www.calmicro.com
1
CALIFORNIA MICRO DEVICES
PAC27A01
P/ACTIVE PRECISION VOLTAGE DIVIDER NETWORK
Features
• Matched resistor pair
• Tight parametric control
• Long term stability
• SOT-23 package for space
critical applications
Product Description
CAMD’s PAC27A01 is a precision ratio matched resistor voltage divider network designed to provide tight element-to-
element parametric control and long term stability over time and temperature.
The PAC27A01 supports the Harris HIP5020 Integrated Buck Converter Controller and can also serve other requirements for
precision voltage division.
Applications
• Matched resistor pair
• Precision division
• D/A conversion
• Specific Harris HIP5020
support circuit
* For Harris 5020 application (R1=12.4K, R2=20K) only.
Refer to AP-202 Precision Divider Application Note
for further information.
Contact factory for other part marking designations.
S
N
O
I
T
A
C
I
F
I
C
E
P
S
D
R
A
D
N
A
T
S
)
R
(
e
c
n
a
r
e
l
o
T
e
t
u
l
o
s
b
A%
5
±
C
°
0
(
g
n
i
k
c
a
r
T
o
it
a
R
≤ TA ≤
C
°
0
7%
5
.
0
±
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
g
n
it
a
r
e
p
OC
°
0
7
o
t
C
°
0
r
o
t
si
s
e
R
/
g
n
it
a
R
r
e
w
o
PC
°
0
7
@
W
m
5
2
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
SC
°
0
5
1
o
t
C
°
5
6
-
g
n
it
a
R
r
e
w
o
P
e
g
a
k
c
a
PC
°
0
7
@
W
5
2
2
.
0
S
E
U
L
A
V
D
R
A
D
N
A
T
S
K
(
1
R
Ω)K
(
2
R
Ω)e
d
o
C
4
.
2
10
2T
1
0
A
S
E
U
L
A
V
D
R
A
D
N
A
T
S
-
N
O
N
C
°
0
(
g
n
i
k
c
a
r
T
o
it
a
R
≤ TA ≤
)
C
°
0
7%
5
.
0
±
e
g
n
a
r
2
R6Ω
K
0
1
o
t
Ω
e
g
n
a
r
2
R0
1 Ω
K
8
1
o
t
Ω
N
O
I
T
A
M
R
O
F
N
I
G
N
I
R
E
D
R
O
T
R
A
P
D
R
A
D
N
A
T
S
e
g
a
k
c
a
Pr
e
b
m
u
N
t
r
a
P
g
n
i
r
e
d
r
O
s
n
i
Pe
l
y
t
Ss
e
b
u
Tl
e
e
R
&
e
p
a
Tg
n
i
k
r
a
M
t
r
a
P
33
2
-
T
O
SB
/
T
1
0
A
7
2
C
A
PR
/
T
1
0
A
7
2
C
A
P*
T
1
0
A
N
O
I
T
A
M
R
O
F
N
I
G
N
I
R
E
D
R
O
T
R
A
P
D
R
A
D
N
A
T
S
e
g
a
k
c
a
Pr
e
b
m
u
N
t
r
a
P
g
n
i
r
e
d
r
O
s
n
i
Pe
l
y
t
Ss
e
b
u
Tl
e
e
R
&
e
p
a
Tg
n
i
k
r
a
M
t
r
a
P
33
2
-
T
O
SB
/
T
X
X
A
7
2
C
A
PR
/
T
X
X
A
7
2
C
A
PD
B
T
SCHEMATIC CONFIGURATION
C0850400


Similar Part No. - PAC27A01TB

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
PAC27A02 CALMIRCO-PAC27A02 Datasheet
107Kb / 2P
P/ACTIVE PRECISION VOLTAGE DIVIDER NETWORK FOR LINEAR TECHNOLOGY LTC1266/LT1431
PAC27A02S/R CALMIRCO-PAC27A02S/R Datasheet
107Kb / 2P
P/ACTIVE PRECISION VOLTAGE DIVIDER NETWORK FOR LINEAR TECHNOLOGY LTC1266/LT1431
PAC27A02S/T CALMIRCO-PAC27A02S/T Datasheet
107Kb / 2P
P/ACTIVE PRECISION VOLTAGE DIVIDER NETWORK FOR LINEAR TECHNOLOGY LTC1266/LT1431
PAC27A02T/B CALMIRCO-PAC27A02T/B Datasheet
107Kb / 2P
P/ACTIVE PRECISION VOLTAGE DIVIDER NETWORK FOR LINEAR TECHNOLOGY LTC1266/LT1431
PAC27A02T/R CALMIRCO-PAC27A02T/R Datasheet
107Kb / 2P
P/ACTIVE PRECISION VOLTAGE DIVIDER NETWORK FOR LINEAR TECHNOLOGY LTC1266/LT1431
More results

Similar Description - PAC27A01TB

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
PAC27A03 CALMIRCO-PAC27A03 Datasheet
124Kb / 2P
P/ACTIVE PRECISION VOLTAGE DIVIDER NETWORK FOR LINEAR TECHNOLOGY LT1430/1017
PACAC CALMIRCO-PACAC Datasheet
125Kb / 2P
P/ACTIVE AC TERMINATION NETWORK
PACRPI CALMIRCO-PACRPI Datasheet
124Kb / 3P
P/Active 1% Tolerance Precision Isolated series Termination Network
PAC27A02 CALMIRCO-PAC27A02 Datasheet
107Kb / 2P
P/ACTIVE PRECISION VOLTAGE DIVIDER NETWORK FOR LINEAR TECHNOLOGY LTC1266/LT1431
PRN105 CALMIRCO-PRN105 Datasheet
52Kb / 2P
SOT23 Thin Film Precision Voltage Divider Network
logo
KOA Speer Electronics, ...
RTXS03T KOA-RTXS03T Datasheet
90Kb / 1P
precision voltage divider networks
logo
IRC - a TT electronics ...
WBD-DSOT23-00-1002-1002 IRCTT-WBD-DSOT23-00-1002-1002 Datasheet
338Kb / 3P
Wire Bondable Voltage Divider Network
logo
TT Electronics.
DSOT TTELEC-DSOT Datasheet
797Kb / 3P
Wire Bondable Voltage Divider Network
logo
Token Electronics Indus...
UPRND TOKEN-UPRND Datasheet
462Kb / 6P
High Precision Network Voltage Divider
UPRNS TOKEN-UPRNS Datasheet
468Kb / 6P
High Precision Network Voltage Divider
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com