Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2MS1T1B2M2RE Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 2MS1T1B2M2RE
Description  Toggle Switches Sub-Miniature
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

2MS1T1B2M2RE Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  2MS1T1B2M2RE Datasheet HTML 1Page - List of Unclassifed Manufacturers 2MS1T1B2M2RE Datasheet HTML 2Page - List of Unclassifed Manufacturers 2MS1T1B2M2RE Datasheet HTML 3Page - List of Unclassifed Manufacturers 2MS1T1B2M2RE Datasheet HTML 4Page - List of Unclassifed Manufacturers 2MS1T1B2M2RE Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Toggle Switches
Sub-Miniature
Page <2>
06/06/11 V1.1
www.element14.com
www.farnell.com
www.newark.com
Switch Function
Number
of Poles
UL / CSA
Model
Number
Model
Number
Switch Function
Connected Terminals / Schematic
Position 1 Position 2 Position 3
Position 1
Position 2
Position 3
SP
Q2211
2MS1
On
None
ON
N/A
Q2212
2MS2
MOM
Q2213
2MS3
Off
ON
Open
DP
Q2221
2MD1
On
None
N/A
Q2223
2MD3
Off
Open
SPDT
Pole Options
MOM = Momentary
2MS6 Models : Omit 2nd terminal
DPDT



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com