Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PACAC Datasheet(PDF) 2 Page - California Micro Devices Corp

Part # PACAC
Description  P/ACTIVE AC TERMINATION NETWORK
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

PACAC Datasheet(HTML) 2 Page - California Micro Devices Corp

  PACAC Datasheet HTML 1Page - California Micro Devices Corp PACAC Datasheet HTML 2Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
©2000 California Micro Devices Corp. All rights reserved.
4/00
215 Topaz Street, Milpitas, California 95035
Tel: (408) 263-3214
Fax: (408) 263-7846
www.calmicro.com
2
CALIFORNIA MICRO DEVICES
PACAC
20
21
22
23
24
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
9
10
12
11
Pulse Generator
0to5volt
10 MHz
> 1ns Rise/Fall Time
To All
Terminations
Except Victim Line
To Victim
Line
Victim
Voltage
Test Point
50
Ω
Crosstalk Test Circuit (TA=25OC)
N
O
I
T
A
M
R
O
F
N
I
G
N
I
R
E
D
R
O
T
R
A
P
D
R
A
D
N
A
T
S
e
g
a
k
c
a
Pr
e
b
m
u
N
t
r
a
P
g
n
i
r
e
d
r
O
e
d
o
C
C
R
s
n
i
Pe
l
y
t
Ss
e
b
u
Tl
e
e
R
&
e
p
a
Tg
n
i
k
r
a
M
t
r
a
P
0
7
4
/
0
3
34
2P
O
S
QT
/
Q
A
0
7
4
/
0
3
3
C
A
PR
/
Q
A
0
7
4
/
0
3
3
C
A
PQ
C
A
0
7
4
/
0
3
3
C
A
P
0
7
4
/
0
7
44
2P
O
S
QT
/
Q
A
0
7
4
/
0
7
4
C
A
PR
/
Q
A
0
7
4
/
0
7
4
C
A
PQ
C
A
0
7
4
/
0
7
4
C
A
P
0
3
3
/
0
7
44
2P
O
S
QT
/
Q
A
0
3
3
/
0
7
4
C
A
PR
/
Q
A
0
3
3
/
0
7
4
C
A
PQ
C
A
0
3
3
/
0
7
4
C
A
P
0
0
5
/
0
5
74
2P
O
S
QT
/
Q
A
0
0
5
/
0
5
7
C
A
PR
/
Q
A
0
0
5
/
0
5
7
C
A
PQ
C
A
0
0
5
/
0
5
7
C
A
P
1
0
1
/
1
0
14
2P
O
S
QT
/
Q
A
1
0
1
/
1
0
1
C
A
PR
/
Q
A
1
0
1
/
1
0
1
C
A
PQ
C
A
1
0
1
/
1
0
1
C
A
P



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com