Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PACDN005 Datasheet(PDF) 2 Page - California Micro Devices Corp

Part # PACDN005
Description  P/ACTIVE SCHOTTKY DIODE HIGH SPEED BUS TERMINATOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

PACDN005 Datasheet(HTML) 2 Page - California Micro Devices Corp

  PACDN005 Datasheet HTML 1Page - California Micro Devices Corp PACDN005 Datasheet HTML 2Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CALIFORNIA MICRO DEVICES
PACDN005
©2000 California Micro Devices Corp. All rights reserved.
215 Topaz Street, Milpitas, California 95035
Tel: (408) 263-3214
Fax: (408) 263-7846
www.calmicro.com
2
2/00
STANDARD SPECIFICATIONS
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Rating
Supply Voltage
VDD
-0.3V to +7V
Channel clamp current (continuous)
Iclamp
±50mA
Operating Temperature
0OC to 70OC
Storage Temperature
Tstg
-65OC to +150OC
Package Power Rating
1.00W, max.
Parameter
Conditions
Min
Typ
Max
Diode foward voltage
To VDD
IF = 16 mA
0.55V
0.70V
IF = 50 mA
0.55V
0.70V
0.90V
From GND
IF = 16 mA
0.50V
0.65V
IF = 50 mA
0.50V
0.65V
0.85V
Reverse Recovery Time (See Note 1) IF = 50mA (estimated)
<400pS
Channel leakage
0 ≤ VIN ≤ VDD
0.1µA
5µA
Input Capacitance
f = 1 MHz, VIN = 2.5V, TA = 25OC, VDD = 5.0V
5pF
ESD Protection
MIL-STD-883, Method 3015
4KV
The absolute maximum ratings are limiting values, to be applied individually, beyond which the device may be permanently damaged. Functional
operation under any of these conditions is not guaranteed. Exposing the device to its absolute maximum rating may
affect its reliability.
Package
Ordering Part Number
Pins
Style
Tubes
Tape & Reel
Part Marking
24
QSOP
PACDN005Q/T
PACDN005Q/R
PACDN005Q
24
SOIC Wide
PACDN005S/T
PACDN005S/R
PACDN005S
STANDARD PART ORDERING INFORMATION
Note 1:
The test circuit depicts the Schottky diodes in their typical application. The impact of a reverse recovery time is measured
using a narrow pulse with 670- pS rise and fall times. This pulse propagates down a 60 cm, 54 ohm strip line fabricated on
a multi-layer, controlled impedance printed circuit board. In testing the ground clamp diode, the negative going edge of the
pulse causes a reflection which forces the diode under test to become forward biased. The positive going edge of the pulse
attempts to pull this diode out of forward conduction. A reverse recovery phenomenon would cause a delay between the
known arrival time of the positive edge and the observed edge due to the time it takes for the forward biased diode to actually
become reversed biased. In this measurement, however, there is no observable difference and therefore no delay for the
positive edge due to the presence of the diode. The waveforms are adjusted to individually test the ground and VDD clamps.
See test circuit.
Test Circuit. Line length, pulse width and duty cycle are selected such as that only one reflection is involved
in the measurement.
V
Diode
under
test
DD
Z, L
0
ABT16244A
Pulse
Generator
DIODE CHARACTERISTICS (TA = 0O to 70OC)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com