Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PACDN017Q Datasheet(PDF) 1 Page - California Micro Devices Corp

Part # PACDN017Q
Description  18 CHANNEL ESD PROTECTION ARRAY WITH ZENER SUPPLY CLAMP
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

PACDN017Q Datasheet(HTML) 1 Page - California Micro Devices Corp

  PACDN017Q Datasheet HTML 1Page - California Micro Devices Corp PACDN017Q Datasheet HTML 2Page - California Micro Devices Corp PACDN017Q Datasheet HTML 3Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
©1999 California Micro Devices Corp. All rights reserved.
11/98
1
CALIFORNIA MICRO DEVICES
PAC DN017
215 Topaz Street, Milpitas, California 95035
Tel: (408) 263-3214
Fax: (408) 263-7846
www.calmicro.com
Diode Forward DC Current (Note 1)
40mA
Storage Temperature
-65°C to 150°C
Operating Temperature Range
-20°C to 85°C
DC Voltage at any Channel Input VN-0.5V to VP+0.5V
Note 1: Only one diode conducting at a time.
18 CHANNEL ESD PROTECTION ARRAY WITH ZENER SUPPLY CLAMP
Features
• 18-channel ESD protection
• Integral Zener diode clamp to suppress
supply rail transients
• 15KV ESD protection (HBM)
• 15KV contact discharge ESD protection
per IEC 61000-4-2
• Low loading capacitance, 7 pF typ.
• 24-pin QSOP package
Product Description
The PAC DN017™ is a diode array designed to provide 18 channels of ESD protection for electronic components or
sub-systems. Each channel consists of a pair of diodes which steers the ESD current pulse either to the positive (VP) or
negative (VN) supply. In addition, there is an integral Zener diode between VP and VN to supress any voltage
disturbance due to these ESD pulses. The PAC DN017 will protect against ESD pulses up to 15 KV Human Body
Model, and 15KV contact discharge per International Standard IEC 61000-4-2.
Applications
• Parallel printer port protection
• ESD protection for sensitive
electronic equipment.
ABSOLUTE MAXIMUM RATINGS
SCHEMATIC CONFIGURATION
C0631199
Note 2: From I/O pins to VP or VN only. Bypass opacitor between VP and VN is not required. However, a 0.2 µF ceramic chip capacitor
bypassing VP to VN is recommended if the lowest possible channel clamp voltage is desired.
Note 3: Human Body Model per MIL-STD-883, Method 3015, CDischarge=100pF, RDischarge=1.5KΩ, VP=5.0V, VN=GND.
Note 4: This parameter is guaranteed by characterization.
Note 5: Standard IEC 61000-4-2 with CDischarge=150pF, and RDischarge=330Ω, VP=5V, VN=GND.
P/Active® is a registered trademark and PAC is a trademark of California Micro Devices.
S
N
O
I
T
A
C
I
F
I
C
E
P
S
D
R
A
D
N
A
T
S
r
e
t
e
m
a
r
a
P.
n
i
M.
p
y
T.
x
a
M
(
e
g
a
tl
o
V
y
l
p
p
u
S
g
n
it
a
r
e
p
OVP V
- N )V
5
.
5
@
t
n
e
rr
u
C
y
l
p
p
u
SVP V
- N
V
5
.
5
=
A
µ
0
2
,
e
g
a
tl
o
V
d
r
a
w
r
o
F
e
d
o
i
DIF
C
°
5
2
=
T
,
A
m
0
2
=V
5
6
.
0V
5
9
.
0
C
°
5
2
=
T
,
A
m
1
@
e
g
a
tl
o
v
n
w
o
d
k
a
e
r
b
e
s
r
e
v
e
r
p
m
a
l
c
r
e
n
e
Z
V
6
.
6
n
o
it
c
e
t
o
r
P
D
S
E
m
e
t
s
y
s
-
n
i
,t
u
p
n
I
l
e
n
n
a
h
C
y
n
a
t
a
e
g
a
tl
o
V
e
g
r
a
h
c
si
D
k
a
e
P
)
2
e
t
o
N
(
0
0
0
5
1
0
3
d
o
h
t
e
M
,l
e
d
o
M
y
d
o
B
n
a
m
u
H
)
4
,
3
e
t
o
N
(
V
K
5
1
±
0
0
0
2
-
4
-
0
0
0
1
6
C
E
I
r
e
p
e
g
r
a
h
c
si
D
t
c
a
t
n
o
C
)
5
e
t
o
N
(
V
K
5
1
±
C
°
5
2
=
T
,
M
B
H
D
S
E
V
K
5
1
@
e
g
a
tl
o
V
p
m
a
l
C
l
e
n
n
a
h
C
)
4
,
3
s
e
t
o
N
(
0
0
0
s
t
n
e
is
n
a
rt
e
v
it
is
o
P
0
0
0
s
t
n
e
is
n
a
rt
e
v
it
a
g
e
N
VP
V
0
.
3
1
+
VN
V
0
.
3
1
-
C
°
5
2
=
T
,t
n
e
rr
u
C
e
g
a
k
a
e
L
l
e
n
n
a
h
C
A
µ
1
.
0
±A
µ
0
.
1
±
)
z
H
M
1
@
d
e
r
u
s
a
e
M
(
e
c
n
a
ti
c
a
p
a
C
t
u
p
n
I
l
e
n
n
a
h
C
VP
V
,
V
5
=
N
,
V
0
=V NI
V
5
.
2
=
)
4
e
t
o
N
(
F
p
7F
p
2
1
g
n
it
a
R
r
e
w
o
P
e
g
a
k
c
a
P
W
0
.
1
This device is particularly well-suited to provide additional ESD protection for parallel printer ports. It exhibits low
loading capacitance for all signal lines.


Similar Part No. - PACDN017Q

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
PACDN010 CALMIRCO-PACDN010 Datasheet
121Kb / 4P
P/ACTIVE SCHOTTKY DIODE MEMORY BUS TERMINATOR
PACDN010QR CALMIRCO-PACDN010QR Datasheet
121Kb / 4P
P/ACTIVE SCHOTTKY DIODE MEMORY BUS TERMINATOR
PACDN010QT CALMIRCO-PACDN010QT Datasheet
121Kb / 4P
P/ACTIVE SCHOTTKY DIODE MEMORY BUS TERMINATOR
PACDN010TR CALMIRCO-PACDN010TR Datasheet
121Kb / 4P
P/ACTIVE SCHOTTKY DIODE MEMORY BUS TERMINATOR
PACDN010TT CALMIRCO-PACDN010TT Datasheet
121Kb / 4P
P/ACTIVE SCHOTTKY DIODE MEMORY BUS TERMINATOR
More results

Similar Description - PACDN017Q

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
PACDN004 CALMIRCO-PACDN004 Datasheet
135Kb / 3P
2 CHANNEL ESD PROTECTION ARRAY
PACDN007 CALMIRCO-PACDN007 Datasheet
131Kb / 3P
18 CHANNEL ESD PROTECTION ARRAY
PACDN016 CALMIRCO-PACDN016 Datasheet
134Kb / 3P
6 CHANNEL ESD PROTECTION ARRAY WITH ZENER SUPPLY CLAMP
CSPEMI607 CALMIRCO-CSPEMI607 Datasheet
198Kb / 5P
4-Channel LCD EMI Filter Array with ESD Protection plus 4-Channel of ESD Protection Array
CM1209 CALMIRCO-CM1209 Datasheet
145Kb / 9P
4,6 & 8 Channel ESD Protection Arrays with Zener Supply Clamp
logo
Pan Jit International I...
PJESD5V0Q4G PANJIT-PJESD5V0Q4G Datasheet
50Kb / 3P
QUAD TVS/ZENER ARRAY FOR ESD PROTECTION
logo
California Micro Device...
CM1231 CALMIRCO-CM1231 Datasheet
253Kb / 11P
Two-Channel PicoGuard XPTM ESD Clamp Protection Array
logo
ON Semiconductor
EMI9404 ONSEMI-EMI9404 Datasheet
208Kb / 5P
4-Channel EMI Array with ESD Protection
January, 2013 ??Rev. 1
ESD4238 ONSEMI-ESD4238 Datasheet
206Kb / 8P
ESD Clamp Array with ESD Protection
January, 2014 ??Rev. 1
PACDN004 ONSEMI-PACDN004_15 Datasheet
102Kb / 7P
2-Channel ESD Protection Array
July, 2015 ??Rev. 5
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com