Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SICF3SV2 Datasheet(PDF) 3 Page - SEC Electronics Inc.

Part # SICF3SV2
Description  Current Sensors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECELECTRONICS [SEC Electronics Inc.]
Direct Link  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

SICF3SV2 Datasheet(HTML) 3 Page - SEC Electronics Inc.

  SICF3SV2_13 Datasheet HTML 1Page - SEC Electronics Inc. SICF3SV2_13 Datasheet HTML 2Page - SEC Electronics Inc. SICF3SV2_13 Datasheet HTML 3Page - SEC Electronics Inc. SICF3SV2_13 Datasheet HTML 4Page - SEC Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SICF3SV2
Current Sensors
3
V2.00
May 1, 2012
Dimensions SICF3SV2 (in mm. 1 mm = 0.0394 inch)
Instructions of use
1)
When the test current passes through the sensor, you can get the size of the output current.
(Warning: wrong connection may lead to sensors damage.)
2)
According to user needs, different rated input currents and output currents of the sensors can be
customized.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com