Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIOPSV1 Datasheet(PDF) 2 Page - SEC Electronics Inc.

Part # SIOPSV1
Description  Current Sensors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECELECTRONICS [SEC Electronics Inc.]
Direct Link  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

SIOPSV1 Datasheet(HTML) 2 Page - SEC Electronics Inc.

  SIOPSV1_13 Datasheet HTML 1Page - SEC Electronics Inc. SIOPSV1_13 Datasheet HTML 2Page - SEC Electronics Inc. SIOPSV1_13 Datasheet HTML 3Page - SEC Electronics Inc. SIOPSV1_13 Datasheet HTML 4Page - SEC Electronics Inc. SIOPSV1_13 Datasheet HTML 5Page - SEC Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SIOPSV1
Current Sensors
2
V2.00
May 1, 2012
Parameters Table
PARAMETERS
SYMBOL
UNIT
VALUE
CONDITIONS
Min.
Typ.
Max.
Electrical data
Supply voltage(±5%)
VC
V
4.5
5
5.5
Current consumption
IC
mA
-
9.2
12
@ TA = 25°C
Isolation resistance
RIS
MΩ
4.7
-
-
@ 500 VDC
Output Load Resistance
RL
KΩ
4.7
-
-
@VOUT to VCC
RL
KΩ
4.7
-
-
@VOUT to GND
Output Load Capacitance
CL
nF
-
-
10
@VOUT to GND
Output voltage
Vout
V
Vc /5 (2.5+0.2×Ip)@10A
@TA = 25°C
Vcc=5V
Vc /5 (2.5+0.1333×Ip)@15A
Vc /5 (2.5+0.1×Ip)@20A
Vc /5 (2.5+0.08×Ip)@25A
Vc /5 (2.5+0.0666×Ip)@30A
Accuracy - Dynamic performance data
Linearity
ε
L
% of IPN
<±1
@TA = 25°C
Accuracy(IPN = 10...15A)
X
% of IPN
<±2
@
TA = 25°C
Accuracy(IPN = 20...30A)
X
% of IPN
<±1.5
@
TA = 25°C
Quiescent Output Voltage
(1)
VOUTQ
V
2.5±20mV
@TA = 25°C
B=0
Sensitivity Temperature
Coefficient
TCSENS
%/°C
<±0.025
Output Resistance
ROUT
Ω
<1
Output Bandwidth
BW
kH
<50
@-3dB
Response time
tr
μS
>5 And <8
@ 90% of IPN
Rms voltage isolation test
Vd
kV
<2
@AC 50Hz
1Min
General data
Ambient operating temperature
TA
°C
-40 ~ +85
Ambient storage temperature
TS
°C
-40 ~ +105
Mass
m
g
300
Notes:
1)
The indicated offset voltage is the one after the core hysteresis is removed.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com