Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIOY2CV2 Datasheet(PDF) 3 Page - SEC Electronics Inc.

Part # SIOY2CV2
Description  Current Sensors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECELECTRONICS [SEC Electronics Inc.]
Direct Link  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

SIOY2CV2 Datasheet(HTML) 3 Page - SEC Electronics Inc.

  SIOY2CV2 Datasheet HTML 1Page - SEC Electronics Inc. SIOY2CV2 Datasheet HTML 2Page - SEC Electronics Inc. SIOY2CV2 Datasheet HTML 3Page - SEC Electronics Inc. SIOY2CV2 Datasheet HTML 4Page - SEC Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SIOY2CV2
Current Sensors
3
V2.00
May 1, 2012
Dimensions SIOY2CV2 (in mm. 1 mm = 0.0394 inch)
Instructions of use
1)
When the test current passes through the sensors you can get the size of the output voltage.
(Warning: wrong connection may lead to sensors damage)
2)
Based on user needs, the sensors output range can be appropriately regulated.
3)
According to user needs, different rated input currents and output voltages of the sensors can be
customized.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com