Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIOY2L175V2 Datasheet(PDF) 1 Page - SEC Electronics Inc.

Part # SIOY2L175V2
Description  Current Sensors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECELECTRONICS [SEC Electronics Inc.]
Direct Link  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

SIOY2L175V2 Datasheet(HTML) 1 Page - SEC Electronics Inc.

  SIOY2L175V2 Datasheet HTML 1Page - SEC Electronics Inc. SIOY2L175V2 Datasheet HTML 2Page - SEC Electronics Inc. SIOY2L175V2 Datasheet HTML 3Page - SEC Electronics Inc. SIOY2L175V2 Datasheet HTML 4Page - SEC Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SIOY2L1V2
Current Sensors
1
V2.00
May 1, 2012
IPN = 50…600A VOUT = ± 4 V
Features
 Hall effect measuring principle
 Galvanic isolation between primary and
secondary circuit
 Compact design for PCB mounting
 Low power consumption
 Extended measuring range (3 *I
PN)
 Insulated plastic case recognized according
to UL 94-V0
Advantages
 Easy installation
 Excellent accuracy
 No insertion losses
 Excellent performance and price
 Only one design for wide current ratings
range
 High immunity against external
interference
Industrial applications
 AC variable speed drives
 Battery supplied applications
 Uninterruptible Power Supplies (UPS)
 Power supplies for welding applications
 Static converters for DC motor drives
 Switched-Mode Power Supplies (SMPS)
TYPES OF PRODUCTS
Type
Primary nominal current
r. m. s IPN (A)
Primary current measuring range
IP (A)
SIOY2L150V2
50
±150
SIOY2 L175V2
75
±225
SIOY2 L1100V2
100
±300
SIOY2 L1150V2
150
±450
SIOY2 L1200V2
200
±600
SIOY2 L1300V2
300
±900
SIOY2 L1400V2
400
±900
SIOY2 L1500V2
500
±900
SIOY2 L1600V2
600
±900
General Description
For the electronic measurement of currents : DC, AC, pulsed, mixed, with a galvanic isolation between
the primary circuit and the secondary circuit.


Similar Part No. - SIOY2L175V2

ManufacturerPart #DatasheetDescription
logo
SEC Electronics Inc.
SIOY2C100V2 SECELECTRONICS-SIOY2C100V2 Datasheet
235Kb / 4P
Current Sensors
SIOY2C150V2 SECELECTRONICS-SIOY2C150V2 Datasheet
235Kb / 4P
Current Sensors
SIOY2C200V2 SECELECTRONICS-SIOY2C200V2 Datasheet
235Kb / 4P
Current Sensors
SIOY2C300V2 SECELECTRONICS-SIOY2C300V2 Datasheet
235Kb / 4P
Current Sensors
SIOY2C400V2 SECELECTRONICS-SIOY2C400V2 Datasheet
235Kb / 4P
Current Sensors
More results

Similar Description - SIOY2L175V2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CSLA1CD ETC1-CSLA1CD Datasheet
686Kb / 6P
CURRENT SENSORS
logo
SEC Electronics Inc.
SICDS50V6 SECELECTRONICS-SICDS50V6 Datasheet
219Kb / 4P
Current Sensors
SICDS100V6 SECELECTRONICS-SICDS100V6 Datasheet
220Kb / 4P
Current Sensors
SIOLSV2 SECELECTRONICS-SIOLSV2 Datasheet
215Kb / 4P
Current Sensors
SIOPSV1 SECELECTRONICS-SIOPSV1 Datasheet
254Kb / 4P
Current Sensors
SIOT1SV2M SECELECTRONICS-SIOT1SV2M Datasheet
174Kb / 6P
Current Sensors
SIOPSV1 SECELECTRONICS-SIOPSV1_13 Datasheet
268Kb / 5P
Current Sensors
SIOY2CV2 SECELECTRONICS-SIOY2CV2_13 Datasheet
235Kb / 4P
Current Sensors
SIOY2SV2 SECELECTRONICS-SIOY2SV2_13 Datasheet
191Kb / 4P
Current Sensors
logo
RENCO ELECTRONICS, INC.
RL-3410 RENCO-RL-3410 Datasheet
1Mb / 2P
CURRENT SENSORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com