Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS109 Datasheet(PDF) 3 Page - SEC Electronics Inc.

Part # SS109
Description  Unipolar Hall Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECELECTRONICS [SEC Electronics Inc.]
Direct Link  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

SS109 Datasheet(HTML) 3 Page - SEC Electronics Inc.

  SS109_14 Datasheet HTML 1Page - SEC Electronics Inc. SS109_14 Datasheet HTML 2Page - SEC Electronics Inc. SS109_14 Datasheet HTML 3Page - SEC Electronics Inc. SS109_14 Datasheet HTML 4Page - SEC Electronics Inc. SS109_14 Datasheet HTML 5Page - SEC Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SS109
Unipolar Hall Switch
3
V2.10
May 1, 2012
General Electrical Specifications
DC Operating Parameters TA = 25℃, VDD= 3.5V to 24V (unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Supply Voltage
VDD
Operating
3.5
24
V
Supply Current
IDD
B < BRP
5
mA
Output Saturation Voltage
VDSon
IOUT = 20mA, B > BOP
0.5
V
Output Leakage Current
IOFF
B < BRP VOUT = 24V
1
10
µA
Output Rise Time
tr
RL = 1k
Ω, C
L = 20pF
0.25
µs
Output Fall Time
tf
RL = 1k
Ω, C
L = 20pF
0.25
µs
Maximum Switching Frequency
FSW
---
10
KHz
Package Thermal Resistance
RTH
Single layer (1S) Jedec board
301
°C/W
Table 3: Electrical Specifications
Note: The output of SS109 will be switched after the supply voltage is over 2.2V, but the magnetic
characteristics won't be normal until the supply is over 3.5V.
Magnetic Specifications
DC Operating Parameters VDD = 3.5V to 24V (unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Operating Point
BOP
VDD = 12V DC.,
TA = 25°C
100
120
160
G
Release Point
BRP
50
85
140
G
Hysteresis
BHYST
20
35
50
G
Table 4: Magnetic Specifications
Output Behavior versus Magnetic Pole
DC Operating Parameters TA = -40℃ to 150℃, VDD = 3.5V to 24V (unless otherwise specified)
Parameter
Test Conditions
OUT
Nouth pole (SOT )
B > BOP
Low
Null or weak magnetic field
B < BRP
High
Table5:Output behavior versus magnetic pole



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com