Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS129 Datasheet(PDF) 5 Page - SEC Electronics Inc.

Part # SS129
Description  Unipolar Hall-Effect Digital Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECELECTRONICS [SEC Electronics Inc.]
Direct Link  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

SS129 Datasheet(HTML) 5 Page - SEC Electronics Inc.

  SS129_13 Datasheet HTML 1Page - SEC Electronics Inc. SS129_13 Datasheet HTML 2Page - SEC Electronics Inc. SS129_13 Datasheet HTML 3Page - SEC Electronics Inc. SS129_13 Datasheet HTML 4Page - SEC Electronics Inc. SS129_13 Datasheet HTML 5Page - SEC Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SS129
Unipolar Hall-Effect Digital Switch
5
V2.10
May 1, 2012
Package AT, 3-Pin SOT-23:
Ordering Information
Part No.
Pb-free
Temperature Code
Package Code
Packing
SS129ESOT
YES
-40°C to 85°C
SOT-23
7-in. reel, 3000 pieces/reel
SS129EUA
YES
-40°C to 85°C
TO-92
Bulk, 1000 pieces/bag
SS129KSOT
YES
-40°C to 125°C
SOT-23
7-in. reel, 3000 pieces/reel
SS129KUA
YES
-40°C to 125°C
TO-92
Bulk, 1000 pieces/bag
SS129LSOT
YES
-40°C to 150°C
SOT-23
7-in. reel, 3000 pieces/reel
SS129LUA
YES
-40°C to 150°C
TO-92
Bulk, 1000 pieces/bag



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com