Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PACUSB200 Datasheet(PDF) 1 Page - California Micro Devices Corp

Part # PACUSB200
Description  USB DUAL DOWNSTREAM PORT FILTER WITH ESD PROTECTION
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

PACUSB200 Datasheet(HTML) 1 Page - California Micro Devices Corp

  PACUSB200 Datasheet HTML 1Page - California Micro Devices Corp PACUSB200 Datasheet HTML 2Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2000 California Micro Devices Corp. All rights reserved.
12/28/2000
1
215 Topaz Street, Milpitas, California 95035

Tel: (408) 263-3214
Fax: (408) 263-7846
www.calmicro.com
PACUSB200
CALIFORNIA MICRO DEVICES
USB Dual Downstream Port Filter with ESD Protection
Features
• Provides high performance EMI/RFI filtering
• Bi-directional ESD protection circuitry for optimum
system protection
• Small package size
• USB 1.1 compliant
Product Description
The USB is a four wire system utilizing a two wire
twisted pair for transferring data, and two lines to
supply power and ground connection to hubs and
devices. The USB allows for two modes of signaling.
The low speed mode is defined at 1.5Mb/s with the full
speed at 12Mb/s.
The PACUSB200 provides ESD protection, EMI
filtering and termination. It is ideal for protecting
vulnerable components in the workstations, notebooks
and desktop computers as well as in hubs. This device
Applications
• Workstations, notebooks and desktop computers
• USB hubs
• Set-top boxes
C1651200
supports two downstream ports. California Micro
Devices also offers a complementary device to provide
filtering and ESD protection for the upstream port. The
PACUSB200 has the following characteristics:
• Compatible with Universal Serial Bus
specification 1.1
• Capacity to protect both the system and device from
external ESD pulses up to 6KV per the HBM
• Suppress EMI/RFI noise on high speed data lines
15
15k
Ω
47pF
47pF
15k
Ω
2
33
Ω
13
4
33
Ω
12
15k
Ω
47pF
47pF
15k
Ω
5
33
Ω
10
GND Pins = 3, 6, 11, 14
No Connect Pins = 1, 8, 9, 16
7
33
Ω
Standard Part Ordering Information
Package
Ordering Part Number
Pins
Style
Tubes
Tape & Reel
Part Marking
16
QSOP
PACUSB200Q/T
PACUSB200Q/R
PACUSB200
Schematic Configuration
1
2
3
4
NC
USBOUT_+D1
GND
USBOUT_–D1
16
15
14
13
NC
USBIN_+D1
GND
Top View
PACUSB200
16 Pin QSOP
USBIN_–D1
5
USBOUT_+D2
12
USBIN_+D2
6
GND
11
GND
7
USBOUT_–D2
10
USBIN_–D2
8
NC
9
NC
Pin Configuration


Similar Part No. - PACUSB200

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
PACUSB-D1 CALMIRCO-PACUSB-D1 Datasheet
315Kb / 9P
USB Downstream Port Terminator
logo
ON Semiconductor
PACUSB-D1 ONSEMI-PACUSB-D1 Datasheet
243Kb / 10P
USB Downstream Port Terminator
June 2010 ??Rev. 2
logo
California Micro Device...
PACUSB-D1Y5 CALMIRCO-PACUSB-D1Y5 Datasheet
315Kb / 9P
USB Downstream Port Terminator
logo
ON Semiconductor
PACUSB-D1Y5 ONSEMI-PACUSB-D1Y5 Datasheet
243Kb / 10P
USB Downstream Port Terminator
June 2010 ??Rev. 2
logo
California Micro Device...
PACUSB-D1Y5R CALMIRCO-PACUSB-D1Y5R Datasheet
315Kb / 9P
USB Downstream Port Terminator
More results

Similar Description - PACUSB200

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
STF201-22 SEMTECH-STF201-22 Datasheet
217Kb / 7P
USB Downstream Post Filter & TVS For EMI Filtering and ESD Protection
logo
California Micro Device...
PACUSB100 CALMIRCO-PACUSB100 Datasheet
111Kb / 2P
USB UPSTREAM PORT FILTER WITH ESD PROTECTION
PACUSBVB-D1 CALMIRCO-PACUSBVB-D1 Datasheet
846Kb / 8P
USB Downstream Port Terminator with VBUS ESD Protection
logo
ON Semiconductor
NUF2101MT1 ONSEMI-NUF2101MT1 Datasheet
38Kb / 4P
USB Filter with ESD Protection
March, 2004 ??Rev. 1
NUF2101M ONSEMI-NUF2101M Datasheet
125Kb / 4P
USB Filter with ESD Protection
August, 2005 ??Rev. 1
PACUSBVB-D1 ONSEMI-PACUSBVB-D1 Datasheet
219Kb / 9P
USB Downstream Port Terminator with VBUS ESD Protection
June 2010 ??Rev. 2
logo
Semtech Corporation
STF201-22 SEMTECH-STF201-22_04 Datasheet
181Kb / 7P
USB Downstream Port Filter & TVS
ECLAMP2122S SEMTECH-ECLAMP2122S Datasheet
229Kb / 7P
USB Downstream Port Filter & TVS For EMI Filtering and ESD Protection
logo
ON Semiconductor
PACUSBVB ONSEMI-PACUSBVB Datasheet
248Kb / 7P
USB Downstream Port Terminator with VBUS ESD Protection
October, 2011 ??Rev. 3
PACUSBD ONSEMI-PACUSBD Datasheet
392Kb / 8P
USB Downstream Port Terminator
October, 2011 ??Rev. 3
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com