Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS1302 Datasheet(PDF) 1 Page - SEC Electronics Inc.

Part # SS1302
Description  Linear Hall Effect Sensor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECELECTRONICS [SEC Electronics Inc.]
Direct Link  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

SS1302 Datasheet(HTML) 1 Page - SEC Electronics Inc.

  SS1302_13 Datasheet HTML 1Page - SEC Electronics Inc. SS1302_13 Datasheet HTML 2Page - SEC Electronics Inc. SS1302_13 Datasheet HTML 3Page - SEC Electronics Inc. SS1302_13 Datasheet HTML 4Page - SEC Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SS1302
Linear Hall Effect Sensor
V2.00
May 1, 2012
1
3 pin SIP (suffix UA)
Description
SS1302 Linear Hall-effect sensor is small, versatile
linear Hall-effect device that is operated by the magnetic
field from a permanent magnet or an electromagnet. The
linear sourcing output voltage is set by the supply
voltage and varies in proportion to the strength of the
magnetic field.
The integrated circuitry features low
noise output, which makes it unnecessary to use external
filtering. It also includes thin film resistors to provide
increased temperature stability and accuracy. The linear
Hall sensor has an operating temperature range of
-40 °C to 150 °C appropriate for commercial, consumer
and industrial environments.
Typical Applications
Motor control
Magnetic code reading
Ferrous metal detector
Current sensing
Position sensing
Functional Block Diagram
1 Vcc
1
2
3
2 GND
3 Vout
REG
Features
Miniature construction
Low-Noise Output
4.5 V to 6 V Operation
Magnetically Optimized Package
Linear output for circuit design flexibility
Temperature range of -40 °C to 150 °C


Similar Part No. - SS1302_13

ManufacturerPart #DatasheetDescription
logo
SEC Electronics Inc.
SS1302_1311 SECELECTRONICS-SS1302_1311 Datasheet
349Kb / 5P
Linear Hall Effect Sensor
More results

Similar Description - SS1302_13

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MLX90242 ETC2-MLX90242 Datasheet
209Kb / 7P
Linear Hall Effect Sensor
MLX90242 ETC2-MLX90242_04 Datasheet
156Kb / 7P
Linear Hall Effect Sensor
logo
SEC Electronics Inc.
SS1302 SECELECTRONICS-SS1302 Datasheet
103Kb / 4P
Linear Hall Effect Sensor
SS3503 SECELECTRONICS-SS3503 Datasheet
104Kb / 5P
Linear Hall Effect Sensor
logo
Unisonic Technologies
UHS49 UTC-UHS49 Datasheet
151Kb / 4P
LINEAR HALL EFFECT SENSOR
logo
SEC Electronics Inc.
SS695 SECELECTRONICS-SS695 Datasheet
222Kb / 4P
Linear Hall Effect Sensor
SS1302_1311 SECELECTRONICS-SS1302_1311 Datasheet
349Kb / 5P
Linear Hall Effect Sensor
SS4825 SECELECTRONICS-SS4825 Datasheet
383Kb / 5P
Linear Hall Effect Sensor
SS4833 SECELECTRONICS-SS4833 Datasheet
226Kb / 4P
Linear Hall Effect Sensor
logo
Melexis Microelectronic...
MLX90242 MELEXIS-MLX90242_12 Datasheet
222Kb / 10P
Linear Hall Effect Sensor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com