Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRC299 Datasheet(PDF) 2 Page - California Micro Devices Corp

Part # PRC299
Description  CLOCK TERMINATOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

PRC299 Datasheet(HTML) 2 Page - California Micro Devices Corp

  PRC299 Datasheet HTML 1Page - California Micro Devices Corp PRC299 Datasheet HTML 2Page - California Micro Devices Corp PRC299 Datasheet HTML 3Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
©2001 California Micro Devices Corp. All rights reserved.
2/28/2001
215 Topaz Street, Milpitas, California 95035

Tel: (408) 263-3214
Fax: (408) 263-7846
www.calmicro.com
2
PRC298/299
CALIFORNIA MICRO DEVICES
California Micro Devices can develop a fully customized solution which embodies the configuration shown in this data
sheet or modified to suit specific application requirements. A Non-Recurring Engineering (NRE) charge will apply for
all fully customized requirements and a minimum order/lot will be required.
Please direct your detailed circuit configuration and specification requirements to your local CAMD representative or to
the factory for a quotation.
STANDARD SPECIFICATIONS
Resistance Range15 to 100
Ω
Capacitance Range
10 to 100pF
Absolute Tolerance (R)
±10%
Absolute Tolerance (C)
±20%
Operating Temperature Range
–55
°C to 125°C
Power Rating/Resistor
100mW
Storage Temperature
–60
°C to 150°C
Package Power Rating
1W, MAX
TYPICAL VALUES
Part NumberResistorCapacitor
Breakdown
Value (
Ω)
Tolerance
Value (pF)
Tolerance
Voltage (MAX)
PRC298
33
Ω
±10%
47pF
±20%
25V
PRC298
47
Ω
±10%
47pF
±20%
25V
PRC298
47
Ω
±10%
33pF
±20%
25V
PRC298
50
Ω
±10%
68pF
±20%
25V
PRC298
75
Ω
±10%
50pF
±20%
25V
PRC298
100
Ω
±10%
100pF
±20%
10V
PRC298
40
Ω
±10%
50pF
±20%
25V
PRC299
33
Ω
±10%
47pF
±20%
45V
PRC299
47
Ω
±10%
47pF
±20%
45V
PRC299
47
Ω
±10%
33pF
±20%
45V
PRC299
50
Ω
±10%
68pF
±20%
45V
PRC299
75
Ω
±10%
50pF
±20%
45V
PRC299
100
Ω
±10%
100pF
±20%
10V
PRC299
40
Ω
±10%
50pF
±20%
45V
PRC299
50
Ω
±10%
100pF
±20%
10V
PRC299
50
Ω
±10%
68pF
±10%
45V
PRC299
47
Ω
±5%
47pF
±20%
45V
PRC299
50
Ω
±20%
100pF
±20%
10V
PRC299
33
Ω
±5%
47pF
±20%
45V



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com