Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N5486 Datasheet(PDF) 2 Page - Calogic, LLC

Part # 2N5486
Description  N-Channel JFET High Frequency Amplifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

2N5486 Datasheet(HTML) 2 Page - Calogic, LLC

  2N5486 Datasheet HTML 1Page - Calogic, LLC 2N5486 Datasheet HTML 2Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2N5484 – 2N5486
CORPORATION
ELECTRICAL CHARACTERISTICS (Continued) (TA = 25
oC unless otherwise specified)
SYMBOL
PARAMETER
2N5484
2N5485
2N5486
UNITS
TEST CONDITIONS
MIN
MAX
MIN
MAX
MIN
MAX
NF
Noise Figure (Note 2)
2.5
2.5
2.5
dB
VDS = 15V, VGS = 0,
RG = 1M
Ω
f = 1kHz
3.0
VDS = 15V, VD = 1mA,
RG = 1k
Ω
f = 100MHz
2.0
2.0
VDS = 15V, ID = 4mA,
RG = 1k
Ω
4.0
4.0
f = 400MHz
Gps
Common-Source Power Gain
(Note 2)
16
25
VDS = 15V, ID = 1mA
f = 100MHz
18
30
18
30
VDS = 15V, ID = 4mA
10
20
10
20
f = 400MHz
NOTES: 1. Pulse test required. Pulse width = 300
µs, duty cycle ≤ 3%.
2. For design reference only, not 100% tested.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com