Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N7002 Datasheet(PDF) 2 Page - Calogic, LLC

Part # 2N7002
Description  N-Channel Enhancement-Mode MOS Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

2N7002 Datasheet(HTML) 2 Page - Calogic, LLC

  2N7002 Datasheet HTML 1Page - Calogic, LLC 2N7002 Datasheet HTML 2Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2N7002
CORPORATION
ABSOLUTE MAXIMUM RATINGS (TA = 25
oC unless otherwise specified)
SYMBOL
PARAMETERS
LIMITS
UNITS
TEST CONDITIONS
VDS
Drain-Source Voltage
60
V
VGS
Gate-Source Voltage
±40
ID
Continuous Drain Current
0.115
A
TA = 25
oC
0.073
TA = 100
oC
IDM
Pulsed Drain Current
1
0.8
PD
Power Dissipation
200
mW
TA = 25
oC
80
TA = 100
oC
TJ
Operating Junction Temperature Range
-55 to 150
oC
Tstg
Storage Temperature Range
-55 to 150
TL
Lead Temperature (1/16" from case for 10 sec.)
300
THERMAL RESISTANCE RATINGS
SYMBOL
THERMAL RESISTANCE
LIMITS
UNITS
RthJA
Junction-to-Ambient
625
K/W
NOTE:
1. Pulse width limited by maximum junction temperature.
SPECIFICATIONS
1
SYMBOL
PARAMETER
MIN
TYP
2
MAX
UNIT
TEST CONDITIONS
STATIC
V(BR)DSS
Drain-Source Breakdown Voltage
60
70
V
ID = 10
µA, VGS = 0V
VGS(th)
Gate-Threshold Voltage
1
1.9
2.5
VDS = VGS, ID = 0.25mA
IGSS
Gate-Body Leakage
±100
nA
VGS =
±20V, VDS = 0V
IDSS
Zero Gate Voltage Drain Current
1
µA
VDS = 60V, VGS = 0V
500
TC = 125
oC
ID(ON)
On-State Drain Current
3
500
1000
mA
VDS =
≥2VDS(ON), VGS = 10V
rDS(ON)
Drain-Source On-Resistance
3
57.5
Ω
VGS = 5V, ID = 50mA
913.5
TC = 125
oC
2.5
7.5
VGS = 10V, ID = 0.5A
4.4
13.5
TC = 125
oC
VDS(ON)
Drain-Source On-Voltage
3
0.25
0.375
V
VGS = 5V, ID = 50mA
1.25
3.75
VGS = 10V, ID = 0.5A
2.2
6.75
TC = 125
oC4
gFS
Forward Transconductance
3
80
170
mS
VDS = 10V, ID = 0.2A
gOS
Common Source Output Conductance
3, 4
500
µS
VDS = 5V, ID = 50mA
DYNAMIC
Ciss
Input Capacitance
16
50
pF
VDS = 25V, VGS = 0V, f = 1MHz
Coss
Output Capacitance
4
11
25
Crss
Reverse Transfer Capacitance
25
SWITCHING
tON
Turn-On Time
7
20
nS
VDD = 30V, RL = 150
Ω, ID = 0.2A
VGEN = 10V, RG = 25
Ω
(Switching time is essentially
independent of operating temperature)
tOFF
Turn-Off Time
720
NOTES: 1. TA = 25
oC unless otherwise specified.
2. For design aid only, not subject to production testing.
3. Pulse test; PW =
≤80µS, duty cycle ≤1%.
4. This parameter not registered with JEDEC.
9-4



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com