Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LS352 Datasheet(PDF) 1 Page - Motorola, Inc

Part # SN74LS352
Description  DUAL 4-INPUT MULTIPLEXER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

SN74LS352 Datasheet(HTML) 1 Page - Motorola, Inc

  SN74LS352 Datasheet HTML 1Page - Motorola, Inc SN74LS352 Datasheet HTML 2Page - Motorola, Inc SN74LS352 Datasheet HTML 3Page - Motorola, Inc SN74LS352 Datasheet HTML 4Page - Motorola, Inc SN74LS352 Datasheet HTML 5Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
5-505
FAST AND LS TTL DATA
DUAL 4-INPUT MULTIPLEXER
The SN54 / 74LS352 is a very high-speed Dual 4-input Multiplexer with
Common Select inputs and individual Enable inputs for each section. It can
select two bits of data from four sources. The two buffered outputs present
data in the inverted (complementary) form. The SN54/ 74LS352 is the func-
tional equivalent of the SN54/ 74LS153 except with inverted outputs.
• Inverted Version of the SN54/74LS153
• Separate Enables for Each Multiplexer
• Input Clamp Diode Limit High Speed Termination Effects
CONNECTION DIAGRAM DIP (TOP VIEW)
NOTE:
The Flatpak version
has the same pinouts
(Connection Diagram) as
the Dual In-Line Package.
14
13
12
11
10
9
1
2
3
4
5
6
7
16
15
8
VCC
Ea
Eb
S0
I3b I2b
I0b
I1b
Zb
S1
I3a
I2a I1a
I0a
Za GND
PIN NAMES
LOADING (Note a)
HIGH
LOW
S0, S1
Common Select Inputs
0.5 U.L.
0.25 U.L.
E
Enable (Active LOW) Input
0.5 U.L.
0.25 U.L.
I0 – I1
Multiplexer Inputs
0.5 U.L.
0.25 U.L.
Z
Multiplexer Outputs (note b)
10 U.L.
5 (2.5) U.L.
NOTES:
a) 1 TTL Unit Load (U.L.) = 40
µA HIGH/1.6 mA LOW.
b) The Output LOW drive factor is 2.5 U.L. for Military (54) and 5 U.L. for Commercial
(74) Temperature Ranges.
LOGIC DIAGRAM
Ea
Eb
Za
Zb
I0a
I1a
I2a
I3a S1
S0 I0b
I1b
I2b
I3b
14
1
2
6
7
3
4
5
9
11
12
10
13
15
VCC = PIN 16
GND = PIN 8
= PIN NUMBERS
SN54/74LS352
DUAL 4-INPUT MULTIPLEXER
LOW POWER SCHOTTKY
ORDERING INFORMATION
SN54LSXXXJ
Ceramic
SN74LSXXXN
Plastic
SN74LSXXXD
SOIC
J SUFFIX
CERAMIC
CASE 620-09
N SUFFIX
PLASTIC
CASE 648-08
16
1
16
1
16
1
D SUFFIX
SOIC
CASE 751B-03
LOGIC SYMBOL
VCC = PIN 16
GND = PIN 8
1
6 5 4 3
10 11 12 13
14
2
7
9
Ea
Eb
Za
Zb
I0a I1a I2a I3a
S0
S1
I0b I1b I2b I3b
15


Similar Part No. - SN74LS352

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LS353 TI-SN74LS353 Datasheet
145Kb / 4P
DUAL 4-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
logo
Motorola, Inc
SN74LS353D MOTOROLA-SN74LS353D Datasheet
192Kb / 6P
DUAL 4-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
SN74LS353N MOTOROLA-SN74LS353N Datasheet
192Kb / 6P
DUAL 4-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN74LS354 TI-SN74LS354 Datasheet
334Kb / 10P
8-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS/REGISTERS
SN74LS354N TI-SN74LS354N Datasheet
334Kb / 10P
8-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS/REGISTERS
More results

Similar Description - SN74LS352

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54AC153 NSC-54AC153 Datasheet
150Kb / 8P
Dual 4-Input Multiplexer
54F153DM NSC-54F153DM Datasheet
167Kb / 10P
Dual 4-Input Multiplexer
logo
NXP Semiconductors
74ALS153 PHILIPS-74ALS153 Datasheet
110Kb / 9P
Dual 4-input multiplexer
1991 Feb 08
logo
Fairchild Semiconductor
74AC153 FAIRCHILD-74AC153 Datasheet
98Kb / 9P
Dual 4-Input Multiplexer
logo
National Semiconductor ...
MM74HC153 NSC-MM74HC153 Datasheet
111Kb / 4P
Dual 4-Input Multiplexer
logo
AVG Semiconductors(HITE...
DV74ACT153 AVG-DV74ACT153 Datasheet
300Kb / 4P
Dual 4-Input Multiplexer
logo
Motorola, Inc
MC74AC352 MOTOROLA-MC74AC352 Datasheet
189Kb / 7P
DUAL 4-INPUT MULTIPLEXER
logo
ON Semiconductor
MC74AC153 ONSEMI-MC74AC153_15 Datasheet
100Kb / 9P
Dual 4-Input Multiplexer
January, 2015 ??Rev. 8
logo
Motorola, Inc
MC5474F352 MOTOROLA-MC5474F352 Datasheet
68Kb / 3P
DUAL 4-INPUT MULTIPLEXER
logo
Nexperia B.V. All right...
74HC153-Q100 NEXPERIA-74HC153-Q100 Datasheet
236Kb / 14P
Dual 4-input multiplexer
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com