Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CL431LP Datasheet(PDF) 4 Page - Calogic, LLC

Part # CL431LP
Description  Precision Adjustable Shunt Reference
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

CL431LP Datasheet(HTML) 4 Page - Calogic, LLC

  CL431LP Datasheet HTML 1Page - Calogic, LLC CL431LP Datasheet HTML 2Page - Calogic, LLC CL431LP Datasheet HTML 3Page - Calogic, LLC CL431LP Datasheet HTML 4Page - Calogic, LLC CL431LP Datasheet HTML 5Page - Calogic, LLC CL431LP Datasheet HTML 6Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
CL431
TYPICAL PERFORMANCE CURVES
CALOGIC CORPORATION, 237 Whitney Place, Fremont, California 94539, Telephone: 510-656-2900, FAX: 510-651-3025
100
0.01
–60
1G-43
OFF STATE LEAKAGE
–30
0
306090
120
10
1
0.1
VKA = 36V
VREF = 0V
– AMBIENT TEMPERATURE (˚C)
TA
150
–100
–2
3
1G-42
HIGH CURRENT OPERATING
CHARACTERISTICS
75
50
25
0
–25
–50
–75
125
100
2
1
0
–1
– CATHODE VOLTAGE (V)
VKA
TEMPERATURE RANGE: –55 to 125˚C
VKA = VREF
2.54
2.46
–60
1G-44
TEMPERATURE COEFFICIENT AS
A FUNCTION OF TRIM VALUE
–30
2.47
2.48
2.49
2.50
2.51
2.52
2.53
0
30
60
90
120
– AMBIENT TEMPERATURE
TA
VKA = VREF
I K = 10mA
VREF = 2.503V AT 25˚C
VKA – CATHODE VOLTAGE (V)
900
–200
–1.0
3.0
1G-41
LOW CURRENT OPERATING
CHARACTERISTICS
1.0
0
2.0
–100
800
700
600
500
400
300
200
100
0
125˚C
–55˚C
25˚C
V= VREF
KA
TEMPERATURE RANGE: –55 to 125˚C
0
–50
030
1G-46
REFERENCE VOLTAGE
LINE REGULATION
3
6
9
12 15 18 21 24 27
–10
–20
–30
–40
– CATHODE VOLTAGE (V)
VKA
I K = 10mA
TEMPERATURE RANGE: –55 to 125˚C
–55˚C
0˚C
25˚C
75˚C
125˚C
3.0
0
–60
1G-45
REFERENCE
INPUT CURRENT
–30
0
306090
120
2.5
2.0
1.5
1.0
0.5
TA – AMBIENT TEMPERATURE (˚C)
R1 = 10k
Ω
R2 =
∞
I K = 10mA
CORPORATION



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com