Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CL431S Datasheet(PDF) 2 Page - Calogic, LLC

Part # CL431S
Description  Precision Adjustable Shunt Reference
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

CL431S Datasheet(HTML) 2 Page - Calogic, LLC

  CL431S Datasheet HTML 1Page - Calogic, LLC CL431S Datasheet HTML 2Page - Calogic, LLC CL431S Datasheet HTML 3Page - Calogic, LLC CL431S Datasheet HTML 4Page - Calogic, LLC CL431S Datasheet HTML 5Page - Calogic, LLC CL431S Datasheet HTML 6Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
CL431
ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
RATING
UNITS
VKA
Cathode-Anode Reverse Breakdown
37
V
IAK
Anode-Cathode Forward Current
1
A
IKA
Operating Cathode Current
250
mA
IREF
Reference Input Current
10
mA
PD
Continuous Power at 25
oC
TO-92
8L SOIC
SOT-89
775
750
1000
mW
mW
mW
TJ
Junction Temperature
150
oC
TSTG
Storage Temperature
–65 to 150
oC
TL
Lead Temperature, Soldering 10 Seconds
300
oC
Exceeding ABSOLUTE MAXIMUM RATINGS may cause permanent damage. Extended operation of the device at these or any other conditions
above those indicated in the operational sections of this specification is not recommended as it may adversely affect reliability and performance.
RECOMMENDED CONDITIONS
SYMBOL
PARAMETER
RATING
UNIT
VKA
Cathode Voltage
VREF to 20
V
IK
Cathode Current
10
mA
TYPICAL THERMAL RESISTANCE
PACKAGE
θJA
θJC
TYPICAL DERATING
TO-92
160
oC/W
80
oC/W
6.3mW/
oC
SOIC
175
oC/W
45
oC/W
5.7mW/
oC
SOT-89
110
oC/W
8
oC/W
9.1mW/
oC
CALOGIC CORPORATION, 237 Whitney Place, Fremont, California 94539, Telephone: 510-656-2900, FAX: 510-651-3025
1G-36
ANODE (A)
CATHODE (K)
2.5V
REFERENCE (R)
+
–
FUNCTIONAL BLOCK DIAGRAM
CORPORATION



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com