Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CL432AVS Datasheet(PDF) 3 Page - Calogic, LLC

Part # CL432AVS
Description  1.25VPrecision Adjustable Shunt Reference / Amplifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

CL432AVS Datasheet(HTML) 3 Page - Calogic, LLC

  CL432AVS Datasheet HTML 1Page - Calogic, LLC CL432AVS Datasheet HTML 2Page - Calogic, LLC CL432AVS Datasheet HTML 3Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
CL432A
CORPORATION
ELECTRICAL CHARACTERISTICS
Electrical characteristics are guaranteed over full junction temperature range (0 to 105
oC). Ambient temperature must be derated based on
power dissipation and package thermal characteristics. The conditions are: VKA = VREF and IK = 10mA unless otherwise stated.
SYMBOL
PARAMETER
MIN
TYP
MAX
UNIT
TEST CONDITION
VREF
Output Voltage
1.237
1.250
1.263
V
IK = 10mA, TJ = 25
oC, VK = VREF
VREF
Line Regulation
10
15
mV
VK = 1.25 to 10V
VREF
Load Regulation
3
6
mV
IK = 1 to 100mA
VREF
Temperature Deviation
2
6
mV
0 < TJ < 105
oC
IREF
Reference Input Current
3
6
µA
I REF
Reference Input Current Temperature
Coefficient
0.3
0.6
µA
0 < TJ < 105
oC
IK(MIN)
Min. Cathode Current for Regulation
0.6
1
mA
IK(MIN)
Off State Leakage
0.04
500
nA
VREF = 0V, VKA = 10V
*Temperature deviation is defined as the maximum deviation of the reference over the given temperature range and does not imply an
incremental deviation at any given temperature.
TYPICAL PERFORMANCE CURVES (Not available at time of publishing)
Information furnished by Calogic is believed to be accurate and reliable. However, no responsibility is assumed for its use: nor for any infringement of patents or other
rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent rights of Calogic.
CALOGIC CORPORATION, 237 Whitney Place, Fremont, California 94539, Telephone: 510-656-2900, FAX: 510-651-3025



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com