Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLM2815AT Datasheet(PDF) 4 Page - Calogic, LLC

Part # CLM2815AT
Description  1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output Fast Response
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

CLM2815AT Datasheet(HTML) 4 Page - Calogic, LLC

  CLM2815AT Datasheet HTML 1Page - Calogic, LLC CLM2815AT Datasheet HTML 2Page - Calogic, LLC CLM2815AT Datasheet HTML 3Page - Calogic, LLC CLM2815AT Datasheet HTML 4Page - Calogic, LLC CLM2815AT Datasheet HTML 5Page - Calogic, LLC CLM2815AT Datasheet HTML 6Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Output Voltage
Consider Figure 2. The resistance R1 generates a constant
current flow, normally the specified load current of 10mA.
This current will go through the resistance R2 to set the overall
output voltage. The current IADJ is very small and constant.
Therefore its contribution to the overall output voltage is very
small and can generally be ignored.
Load Regulation
Parasitic line resistance can degrade load regulation. In order
not to affect the behavior of the regulator, it is best to connect
directly the R1 resistance from the resistor divider to the case,
and not to the load. For the same reason, it is best to connect
the resistor R2 to the Negative side of the load.
CORPORATION
CLM2815
CORPORATION
CALOGIC CORPORATION, 237 Whitney Place, Fremont, California 94539, Telephone: 510-656-2900, FAX: 510-651-3025
FIGURE 3. BASIC ADJUSTABLE REGULATOR
1U-24
CLM2815
R 1
R 2
V
OUT
R PARASITIC LINE
RESISTANCE
P
CONNECT R
TO CASE OF
REGULATOR
CONNECT
R TO
LOAD
1
2
R L
FIGURE 2. BASIC ADJUSTABLE REGULATOR
1U-23
CLM2815
R 1
R 2
V
OUT
V
OUT
V
REF
I
ADJ
50
mA
) + I
ADJ
(1 + R
1/R2
= V
REF
V
OUT
R
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com