Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLM385T2 Datasheet(PDF) 3 Page - Calogic, LLC

Part # CLM385T2
Description  Micropower Voltage Reference Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

CLM385T2 Datasheet(HTML) 3 Page - Calogic, LLC

  CLM385T2 Datasheet HTML 1Page - Calogic, LLC CLM385T2 Datasheet HTML 2Page - Calogic, LLC CLM385T2 Datasheet HTML 3Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
APPLICATIONS
LM334
CLM385-2.5
OUT
2.5V
3.3k
= 3.7V TO 30V
V
IN
WIDE INPUT RANGE
REFERENCE
CLM385-2.5
MICROPOWER REFERENCE
FROM 9V BATTERY
2.5V
200k
9V
CLM285-2.5 / CLM385-2.5
CORPORATION



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com