Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6924U013 Datasheet(PDF) 21 Page - STMicroelectronics

Part # L6924U013
Description  USB compatible battery charger system with integrated power switch for Li-Ion/Li-Polymer
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6924U013 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button L6924U013 Datasheet HTML 17Page - STMicroelectronics L6924U013 Datasheet HTML 18Page - STMicroelectronics L6924U013 Datasheet HTML 19Page - STMicroelectronics L6924U013 Datasheet HTML 20Page - STMicroelectronics L6924U013 Datasheet HTML 21Page - STMicroelectronics L6924U013 Datasheet HTML 22Page - STMicroelectronics L6924U013 Datasheet HTML 23Page - STMicroelectronics L6924U013 Datasheet HTML 24Page - STMicroelectronics L6924U013 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
L6924U
Applications information: charging process
Doc ID 14716 Rev 2
21/37
7.5
Recharge flow chart
Figure 14.
Recharge flow chart
7.6
Recharge threshold
When, from an end-of-charge condition, the battery voltage goes below the recharging
threshold (VRCH), the device goes back in charging state. The value of the recharge
threshold is 4.05 V.
7.7
Maximum charging time
To avoid the charging of a dead battery for a long time, the L6924U has the possibility to set
a maximum charging time starting from the beginning of the fast-charge phase. This timer
can be set through a capacitor, connected between the TPRG pin and GND. CTPRG is the
external capacitor (in nF) and is given by the following equation:
Equation 10
Note:
The maximum recommended CTPRG value must be less than 50 nF.
9
10
×
⎟
⎟
⎟
⎟
⎠
⎞
⎜
⎜
⎜
⎜
⎝
⎛
×
=
REF
PRG
BG
T
MAXCH
TPRG
V
R
V
K
T
C
E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com