Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLM4102N Datasheet(PDF) 3 Page - Calogic, LLC

Part # CLM4102N
Description  Low Power, 400MHz High Speed Buffer
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

CLM4102N Datasheet(HTML) 3 Page - Calogic, LLC

  CLM4102N Datasheet HTML 1Page - Calogic, LLC CLM4102N Datasheet HTML 2Page - Calogic, LLC CLM4102N Datasheet HTML 3Page - Calogic, LLC CLM4102N Datasheet HTML 4Page - Calogic, LLC CLM4102N Datasheet HTML 5Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
CORPORATION
AC ELECTRICAL CHARACTERISTICS
The following specifications apply for Supply Voltage =
±15V, VCM = 0, RL ≥ 100KΩ and RS = 50Ω unless otherwise noted.
Boldface limits apply for TA = TJ = TMIN to TMAX; all other limits TA = TJ = 25
oC.
SYMBOL
CHARACTERISTICS
TYP
CLM4102
CLM4302
UNITS
CONDITIONS
Limit (Note 5)
Limit (Note 5)
SR1
Slew Rate 1
11000
8000
6000
V/
µsVIN = ±10V, RL = 100Ω (Note 2)
SSBW
Small Signal Bandwidth
400
200
200
MHz
VIN =
±100mVPP, RL = 100Ω
CL
≤ 10pF
PBW
Power Bandwidth
100
VIN =
±4V, RL = 100Ω
CL
≤ 10pF
tr, tf
Rise Time
Fall Time
1.2
1.7
1.7
ns
RL = 100
Ω, CL ≤ 10pF
VIN = 0.5V
tpd
Propagation Delay Time
2.0
ns
RL = 100
Ω, CL ≤ 10pF
VIN = 0.5V
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. DC and AC electrical specifications do not
apply when operating the device beyond its rated operating conditions.
Note 2: Slew rate is measured with 50
Ω source impedance at 25oC. Slew rate is measured between VO = +5V and -5V.
Note 3: The test circuit consists of the human body model of 120pF in series with 1500
Ω.
Note 4: The maximum power dissipation is a function of TJ(max),
θJA and TA. The maximum allowable power dissipation at any ambient
temperature is PD = (TJ(max) - TA)/
θJA.
Note 5: Limits are guaranteed by testing, correlation or periodic characterization.
CLM4102 / CLM4302
CALOGIC CORPORATION, 237 Whitney Place, Fremont, California 94539, Telephone: 510-656-2900, FAX: 510-651-1076



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com