Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLM7660 Datasheet(PDF) 8 Page - Calogic, LLC

Part # CLM7660
Description  DC-to-DC Voltage Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

CLM7660 Datasheet(HTML) 8 Page - Calogic, LLC

  CLM7660 Datasheet HTML 1Page - Calogic, LLC CLM7660 Datasheet HTML 2Page - Calogic, LLC CLM7660 Datasheet HTML 3Page - Calogic, LLC CLM7660 Datasheet HTML 4Page - Calogic, LLC CLM7660 Datasheet HTML 5Page - Calogic, LLC CLM7660 Datasheet HTML 6Page - Calogic, LLC CLM7660 Datasheet HTML 7Page - Calogic, LLC CLM7660 Datasheet HTML 8Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
CLM7660
CORPORATION
PERFORMANCE CURVES
OUTPUT CURRENT (mA)
–10V
10
1K-13
OUTPUT VOLTAGE
vs OUTPUT CURRENT
20
30
40
50
60
70
–9V
–8V
–7V
–6V
–5V
–4V
–3V
–2V
–1V
0V
2V
5V
10V
OSCILLATOR FREQUENCY (kHz)
1K-14
15
10
100
µA
200
µA
300
µA
100%
90%
7.4
@ 5V
POWER
CONSUMPTION
vs
OSCILLATOR
FREQUENCY
(NO
LOAD)
@ 5V EFFICIENCY vs
OSCILLATOR FREQUENCY (5mA)
92
12.6
95
INPUT VOLTAGE
1K-15
OUTPUT RESISTANCE
vs SUPPLY VOLTAGE
10V
5V
0
200
Ω
100
Ω
CALOGIC CORPORATION, 237 Whitney Place, Fremont, California 94539, Telephone: 510-656-2900, FAX: 510-651-3025



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com