Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLM4041C Datasheet(PDF) 3 Page - Calogic, LLC

Part # CLM4041C
Description  Precision Micropower Bandgap Shunt Reference
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

CLM4041C Datasheet(HTML) 3 Page - Calogic, LLC

  CLM4041C Datasheet HTML 1Page - Calogic, LLC CLM4041C Datasheet HTML 2Page - Calogic, LLC CLM4041C Datasheet HTML 3Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
CLM4041
CORPORATION
ELECTRICAL CHARACTERISTICS TA = 25
oC unless otherwise specified
SYMBOL
PARAMETER
CLM4041C (0.5%)
CLM4041D (1.0%)
UNITS
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
VZ
Reverse Breakdown Voltage
1.219
1.225
1.231
1.213
1.225 1.237
VIZ = 100
µA
TA = 25
oC
1.211
1.225
1.239
1.201
1.225 1.249
TA = -40 to +85
oC
IZ(MIN)
Minimum Breakdown Current
30
60
30
60
µA
∆VZ
∆T
Reverse Breakdoen Voltage
Temperature Coefficient
±100
±150 ppm/oC
IZ = 10mA
IZ = 1mA
IZ = 100
µA
TA = -40 to +85
oC
∆VZ
∆TZ
Ratio of Change in VZ to
Change in IZ
1.5
2.0
mV
IZ(MIN)
≤ IZ ≤ 1mA
TA = 25
oC
2.0
2.5
TA = -40 to +85
oC
6.0
8.0
ImA
≤ IZ ≤ 12mA
TA = 25
oC
8.0
10.0
TA = -40 to +85
oC
ZR
Reverse Dynamic Impedance
0.25
1.5
0.25
2.0
Ω
IZ = 1mA, f = 120Hz, IAC = 0.1 IZ
eN
Wideband Noise (RMS)
20
20
µA
IZ = 100
µA
10Hz
≤ f ≤ 10kHz ∆VZ
∆VZ
Long Term Stability of Reverse
Breakdown Voltage
120
120
ppm
t = 1000 Hours
T = 25
oC ± 0.1oC
IZ = 100
µA
ELECTRICAL CHARACTERISTICS TA = 25
oC unless otherwise specified
SYMBOL
PARAMETER
CLM4041E (2.0%)
UNITS
CONDITIONS
MIN
TYP
MAX
VZ
Reverse Breakdown Voltage
1.200
1.225
1.250
VIZ = 100
µA
TA = 25
oC
1.189
1.225
1.261
TA = -40 to +85
oC
IZ(MIN)
Minimum Breakdown Current
30
60
µA
∆VZ
∆T
Reverse Breakdoen Voltage
Temperature Coefficient
±150 ppm/oC
IZ = 10mA
IZ = 1mA
IZ = 100
µA
TA = -40 to +85
oC
∆VZ
∆TZ
Ratio of Change in VZ to
Change in IZ
2.0
mV
IZ(MIN)
≤ IZ ≤ 1mA
TA = 25
oC
2.5
TA = -40 to +85
oC
8.0
ImA
≤ IZ ≤ 12mA
TA = 25
oC
10.0
TA = -40 to +85
oC
ZR
Reverse Dynamic Impedance
0.25
2.0
Ω
IZ = 1mA, f = 120Hz, IAC = 0.1 IZ
eN
Wideband Noise (RMS)
20
µA
IZ = 100
µA
10Hz
≤ f ≤ 10kHz ∆VZ
∆VZ
Long Term Stability of Reverse
Breakdown Voltage
120
ppm
t = 1000 Hours
T = 25
oC ± 0.1oC
IZ = 100
µA
CALOGIC CORPORATION, 237 Whitney Place, Fremont, California 94539, Telephone: 510-656-2900, FAX: 510-651-3025



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com