Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLM7660DY Datasheet(PDF) 4 Page - Calogic, LLC

Part # CLM7660DY
Description  DC-to-DC Voltage Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

CLM7660DY Datasheet(HTML) 4 Page - Calogic, LLC

  CLM7660DY Datasheet HTML 1Page - Calogic, LLC CLM7660DY Datasheet HTML 2Page - Calogic, LLC CLM7660DY Datasheet HTML 3Page - Calogic, LLC CLM7660DY Datasheet HTML 4Page - Calogic, LLC CLM7660DY Datasheet HTML 5Page - Calogic, LLC CLM7660DY Datasheet HTML 6Page - Calogic, LLC CLM7660DY Datasheet HTML 7Page - Calogic, LLC CLM7660DY Datasheet HTML 8Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
CLM7660
FIGURE 1. CLM7660 TEST CIRCUIT
L
I
S
I
1
2
3
8
6
45
CLM7660
1K-11
+
+
O
V
10
µF
10
µF
2
C
1
C
(+5)
L
R
X
D**
7
OSC
C*
+
V
CALOGIC CORPORATION, 237 Whitney Place, Fremont, California 94539, Telephone: 510-656-2900, FAX: 510-651-3025
CORPORATION
FIGURE 2. CHIP TOPOGRAPHY
DIE SIZE = 81.5 x 57.5 (mm)
1L-05
C+
GND
C-
V
OUT
LV
OSC
V8
FIGURE 3. IDEALIZED SWITCHED CAPACITOR
1K-12
C1
GND
3
S
V
OUT = –VIN
4
S
2
C
2
S
1
S
+
V
FIGURE 4. SIMPLE NEGATIVE CONVERTER
1
2
3
8
7
6
45
CLM7660
1K-05
+
+
V
+
OUT
V
X
D
10
µF
10
µF
2
C
1
C
*
FIGURE 5. PARALLELING DEVICES LOWERS OUTPUT IMPEDANCE
1
2
3
8
7
6
45
CLM7660
1
C
1K-06
+
V
1
2
3
8
7
6
45
CLM7660
1
C
+
2
C
L
R
"n"
"1"
X
D
X
D
NOTES:
* For large values of COSC (>1000pf), the
values of C1 and C2 should be increased to 100
µF.
** DX is required for supply voltages greater than 6.5V at
-55
o
≤ TA ≤ +70oC. Refer to performance curves for
additional information.
*NOTES:
1. VOUT = -n V
+ for 1.5V
≤ V+ ≤ 6.5V.
2. VOUT = -n (V
+ –VFDX) for 6.5V
≤ V+ ≤ 10V.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com