Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN54LS367J Datasheet(PDF) 3 Page - Motorola, Inc

Part # SN54LS367J
Description  3-STATE HEX BUFFERS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

SN54LS367J Datasheet(HTML) 3 Page - Motorola, Inc

  SN54LS367J Datasheet HTML 1Page - Motorola, Inc SN54LS367J Datasheet HTML 2Page - Motorola, Inc SN54LS367J Datasheet HTML 3Page - Motorola, Inc SN54LS367J Datasheet HTML 4Page - Motorola, Inc SN54LS367J Datasheet HTML 5Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
5-518
FAST AND LS TTL DATA
SN54/74LS365A
• SN54/74LS366A
SN54/74LS367A
• SN54/74LS368A
DC CHARACTERISTICS OVER OPERATING TEMPERATURE RANGE (unless otherwise specified)
Symbol
Parameter
Limits
Unit
Test Conditions
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
VIH
Input HIGH Voltage
2.0
V
Guaranteed Input HIGH Voltage for
All Inputs
VIL
Input LOW Voltage
54
0.7
V
Guaranteed Input LOW Voltage for
All Inputs
VIL
Input LOW Voltage
74
0.8
V
Guaranteed Input LOW Voltage for
All Inputs
VIK
Input Clamp Diode Voltage
– 0.65
– 1.5
V
VCC = MIN, IIN = – 18 mA
VOH
Output HIGH Voltage
54
2.4
3.4
V
VCC = MIN, IOH = MAX, VIN = VIH
or VIL per Truth Table
VOH
Output HIGH Voltage
74
2.4
3.1
V
VCC = MIN, IOH = MAX, VIN = VIH
or VIL per Truth Table
VOL
Output LOW Voltage
54, 74
0.25
0.4
V
IOL = 12 mA
VCC = VCC MIN,
VIN = VIL or VIH
per Truth Table
VOL
Output LOW Voltage
74
0.35
0.5
V
IOL = 24 mA
VIN = VIL or VIH
per Truth Table
IOZH
Output Off Current HIGH
20
µA
VCC = MAX, VOUT = 2.7 V
IOZL
Output Off Current LOW
– 20
µA
VCC = MAX, VOUT = 0.4 V
IIH
Input HIGH Current
20
µA
VCC = MAX, VIN = 2.7 V
IIH
Input HIGH Current
0.1
mA
VCC = MAX, VIN = 7.0 V
IIL
Input LOW Current
E Inputs
– 0.4
mA
VCC = MAX, VIN = 0.4 V
IIL
D Inputs
– 20
µA
VCC = MAX, VIN = 0.5 V
Either E Input at 2.0 V
– 0.4
mA
VCC = MAX, VIN = 0.4 V
Both E Inputs at 0.4 V
IOS
Short Circuit Current (Note 1)
– 40
– 225
mA
VCC = MAX
ICC
Power Supply Current
LS365A, 367A
24
mA
VCC = MAX
ICC
LS366A, 368A
21
mA
VCC = MAX
Note 1: Not more than one output should be shorted at a time, nor for more than 1 second.
AC CHARACTERISTICS (TA = 25°C, VCC = 5.0 V)
Symbol
Parameter
Limits
Unit
Test Conditions
Symbol
Parameter
LS365A / LS367A
LS366A / LS368A
Unit
Test Conditions
Symbol
Parameter
Min
Typ
Max
Min
Typ
Max
Unit
Test Conditions
tPLH
tPHL
Propagation Delay
10
9.0
16
22
7.0
12
15
18
ns
CL = 45 pF,
RL = 667 Ω
tPZH
tPZL
Output Enable Time
19
24
35
40
18
28
35
45
ns
CL = 45 pF,
RL = 667 Ω
tPHZ
tPLZ
Output Disable Time
30
35
32
35
ns
CL = 5.0 pF



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com