Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CWB211CP Datasheet(PDF) 3 Page - Calogic, LLC

Part # CWB211CP
Description  100MHz CMOS/DMOS Wideband Analog Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

CWB211CP Datasheet(HTML) 3 Page - Calogic, LLC

  CWB211CP Datasheet HTML 1Page - Calogic, LLC CWB211CP Datasheet HTML 2Page - Calogic, LLC CWB211CP Datasheet HTML 3Page - Calogic, LLC CWB211CP Datasheet HTML 4Page - Calogic, LLC CWB211CP Datasheet HTML 5Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
CWB211
CORPORATION
TYPICAL PERFORMANCE CHARACTERISTICS (TA = +25
oC unless otherwise specified)
TEST WAVEFORMS
3.0V
50%
0
0
0.9
(V ) SWITCH INPUT
S
RISE
FALL
LOGIC INPUT
t
< 6nSEC
t
< 4nSEC
V0
tON
tOFF
R + r
L
DS(ON)
RL
V =
0
SWITCH OUTPUT
() V
S
SWITCHING TIMES TEST CIRCUIT
+15V
-15V
R =
50
L
Ω
C =
12pF
SWITCH
OUTPUT
LOGIC
INPUT
S
V0
L
(V )
SWITCH
INPUT
+3V
SWITCH ILLUSTRATED IN LOGIC '1',
SWITCH OFF, POSITION
SWITCHING TIMES
-VS-
SUPPLY VOLTAGES
SWITCHING TIMES
-VS-
AMBIENT TEMPERATURE
800
700
600
500
400
300
0
200
100
+5
_
+7.5
_
+10
_
+12.5
_
+15
_
V-, V+ - Supply Voltages (Volts)
t
ON
-50
-25
0
+25
+50
+75 +100 +125 +150
T - Ambient Temperature ( C)
A
o
800
700
600
500
400
300
0
200
100
t OFF
V = 3V
R = 50
C = 12pF
S
L
L
Ω
Ω
t OFF
t
ON
R = 50
V = 3V
L
S
L
+15V
_
V-, V+ =
C = 12pF



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com