Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CWB309CP Datasheet(PDF) 3 Page - Calogic, LLC

Part # CWB309CP
Description  CMOS/DMOS Quad Monolithic SPST Wide Band Analog Switches
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

CWB309CP Datasheet(HTML) 3 Page - Calogic, LLC

  CWB309CP Datasheet HTML 1Page - Calogic, LLC CWB309CP Datasheet HTML 2Page - Calogic, LLC CWB309CP Datasheet HTML 3Page - Calogic, LLC CWB309CP Datasheet HTML 4Page - Calogic, LLC CWB309CP Datasheet HTML 5Page - Calogic, LLC CWB309CP Datasheet HTML 6Page - Calogic, LLC CWB309CP Datasheet HTML 7Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
CWB308 / CWB309
CORPORATION
ELECTRICAL CHARACTERISTICS (V- = -15V, V+ = +15V unless otherwise noted)
LIMITS AT TEMPERATURE EXTREMES
SYMBOL
PARAMETER
MAXIMUM @ TA =
UNITS
TEST CONDITIONS
+85
oC
STATIC
VANALOG
Analog Signal Range
±10
V
rDS(ON)
Switch ON Resistance
120
ohms
VS = -10V
120
VS = +2.0V
240
VS = +10V
IIN
Logic Input
Leakage Current
1.0
µA
VIN = +5.0V
2.0
VIN = +15V
ID(OFF)
Switch OFF
Leakage Current
100
nA
VD = +10V, VS = -10V
IS(OFF)
100
VS = +10V, VD = -10V
I-
Supply
Quiescent Current
-20
µA
I+
20
TEST WAVE FORMS
3.0V
50%
0
0
0.9
(V ) SWITCH INPUT
S
RISE
FALL
LOGIC INPUT
t
< 6nSEC
t
< 4nSEC
V0
tON
tOFF
R + r
L
DS(ON)
RL
V =
0
SWITCH OUTPUT
() V
S



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com