Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CWB309CY Datasheet(PDF) 7 Page - Calogic, LLC

Part # CWB309CY
Description  CMOS/DMOS Quad Monolithic SPST Wide Band Analog Switches
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

CWB309CY Datasheet(HTML) 7 Page - Calogic, LLC

  CWB309CY Datasheet HTML 1Page - Calogic, LLC CWB309CY Datasheet HTML 2Page - Calogic, LLC CWB309CY Datasheet HTML 3Page - Calogic, LLC CWB309CY Datasheet HTML 4Page - Calogic, LLC CWB309CY Datasheet HTML 5Page - Calogic, LLC CWB309CY Datasheet HTML 6Page - Calogic, LLC CWB309CY Datasheet HTML 7Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
CWB308 / CWB309
CORPORATION
APPLICATIONS
LOW DISTORTION, RAIL-TO-RAIL ANALOG SWITCH
Features very low distortion for low frequency and large
signal applications.
VERY LOW DISTORTION CIRCUIT FOR LOW
FREQUENCY AND LARGE SIGNAL APPLICATIONS
This circuit provides very low distortion ( <0.1%) and
high off isolation ( >90 dB) at signal levels equal to the
supply voltage. The signal passes through a T switch
configuration and at the same time is modulating the
power supply. This modulation maintains a constant on
resistance rDS(on) which in turn reduces the distortion.
R5 is for bypassing the power supply and has a typical
value of 1K ohm, R4 should be a value that can be
accommadated by the signal source as load, R3 is only
necessary at loads lower than 100 ohms and should be
selected during the initial design of the circuit, C1 has
to be large enough for the lowest signal to pass and C2
will have to bypass all signals. R1 and R2 set up the
one logic level for the control input and should be set to
5 volts.
ANALOG IN
R
1
2
3
45
C
6
-V
ANALOG OUT
V+
V-
RR
R
R
R
+V
C 1
2
LOGIC INVERTER
This circuit provides logic inversion with two resistors
and one switch.
It does not require additional logic
parts. The resistors divide the supply voltage down to
a 5 volt level when high and are switched to a low level
via the switch. This configuration allows a single pole,
single throw switch to be changed into a single pole,
double throw switch.
1
ANALOG OUT
R
ANALOG IN
5V
V+
R2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com