Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST174 Datasheet(PDF) 2 Page - Calogic, LLC

Part # SST174
Description  P-Channel JFET Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

SST174 Datasheet(HTML) 2 Page - Calogic, LLC

  SST174 Datasheet HTML 1Page - Calogic, LLC SST174 Datasheet HTML 2Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CORPORATION
ELECTRICAL CHARACTERISTICS (TA = 25
oC unless otherwise specified)
SYMBOL PARAMETER
J174
J175
J176
J177
UNITS
TEST CONDITIONS
MIN TYP MAX MIN TYP MAX MIN TYP MAX MIN TYP MAX
IGSS
Gate Reverse
Current
(Note 1)
1111
nA
VDS = 0, VGS = 20V
VGS(off)
Gate Source
Cutoff Voltage
5
10
3
6
1
4
0.8
2.25
V
VDS = -15V, ID = -10nA
BVGSS
Gate Source
Breakdown
Voltage
30
30
30
30
VDS = 0, IG = 1
µA
IDSS
Drain
Saturation
Current
(Note 2)
-20
-135 -7
-70
-2
-35 -1.5
-20
mA
VDS = -15V, VGS = 0
ID(off)
Drain Cutoff
Current
(Note 1)
-1
-1
-1
-1
nA
VDS = -15V, VGS = 10V
rDS(on)
Drain-Source
ON Resistance
85
125
250
300
Ω
VGS = 0, VDS = -0.1V
Cdg(off)
Drain-Gate
OFF
Capacitance
5.5
5.5
5.5
5.5
pF
VDS = 0,
VGS = 10V
f = 1MHz (Note 3)
Csg(off)
Source-Gate
OFF
Capacitance
5.5
5.5
5.5
5.5
Cdg(on)
+ Csg(on)
Drain-Gate
Plus Source
Gate ON
Capacitance
32
32
32
32
VDS = VGS = 0
td(on)
Turn On Delay
Time
2
5
15
20
ns
Switching Time Test Conditions
(Note 3)
J174
J175
J176
J177
VDD
-10V
-6V
-6V
-6V
VGS(off)
12V
8V3V3V
RL
560
Ω
12k
Ω 5.6kΩ 10kΩ
VGS(on)
0V
0V
0V
0V
tr
Rise Time
5
102025
td(off)
Turn Off Delay
Time
5
101520
tf
Fall Time
10
20
20
25
NOTES: 1. Approximately doubles for every 10
oC increase in TA.
2. Pulse test duration -300
µs; duty cycle ≤3%.
3. For design reference only, not 100% tested.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com