Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST201 Datasheet(PDF) 1 Page - Calogic, LLC

Part # SST201
Description  N-Channel JFET General Purpose Amplifier
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

SST201 Datasheet(HTML) 1 Page - Calogic, LLC

  SST201 Datasheet HTML 1Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
N-Channel JFET
General Purpose Amplifier
J201 – J204 / SST201 – SST204
FEATURES
•• High Input Impedance
•• Low IGSS
ABSOLUTE MAXIMUM RATINGS
(TA = 25
oC unless otherwise specified)
Gate-Source or Gate-Drain Voltage . . . . . . . . . . . . . . . . -40V
Gate Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50mA
Storage Temperature Range . . . . . . . . . . . . . -55
oC to +150oC
Operating Temperature Range . . . . . . . . . . . -55
oC to +135oC
Lead Temperature (Soldering, 10sec) . . . . . . . . . . . . . +300
oC
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . 360mW
Derate above 25
oC . . . . . . . . . . . . . . . . . . . . . . . 3.3mW/oC
NOTE: Stresses above those listed under "Absolute Maximum
Ratings" may cause permanent damage to the device. These are
stress ratings only and functional operation of the device at these or
any other conditions above those indicated in the operational sections
of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
ORDERING INFORMATION
Part
Package
Temperature Range
J201-204
Plastic TO-92
-55
oC to +135oC
SST201-204 Plastic SOT-23
-55
oC to +135oC
For Sorted Chips in Carriers see 2N4338 series.
CORPORATION
PIN CONFIGURATION
TO-92
S G
D
ELECTRICAL CHARACTERISTICS (TA = 25
oC unless otherwise specified)
SYMBOL
PARAMETER
201
202
203
204
UNITS
TEST CONDITIONS
MIN TYP MAX MIN TYP MAX MIN TYP MAX MIN TYP MAX
IGSS
Gate Reverse Current
(Note 1)
-100
-100
-100
-100
pA
VDS = 0, VGS = -20V
VGS(off)
Gate-Source Cutoff
Voltage
-0.3
-1.5
-0.8
-4.0
-2.0
-10.0 -0.3
-2.0
V
VDS = 20V, ID = 10nA
BVGSS
Gate-Source Breakdown
Voltage
-40
-40
-40
-25
VDS = 0, IG = -1
µA
IDSS
Saturation Drain Current
(Note 2)
0.2
1.0
0.9
4.5
4.0
20
0.2
1.2
3.0
mA
VDS = 20V, VGS = 0
IG
Gate Current (Note 1)
-10
-10
-10
-10
pA
VDG = 20V, ID = IDSS(min)
gfs
Common-Source Forward
Transconductance (Note 2)
500
1,000
1,500
500 1,500
µs
VDS = 20V,
VGS = 0
f = 1kHz
gos
Common-Source Output
Conductance
1
3.5
10
2.5
Ciss
Common-Source Input
Capacitance
44
4
4
pF
f = 1MHz
(Note 3)
Crss
Common-Source Reverse
Transfer Capacitance
11
1
1
en
Equivalent Short-Circuit
Input Noise Voltage
55
5
10
nV
√
Hz
VDS = 10V,
VGS = 0
f = 1kHz
(Note 3)
NOTES: 1. Approximately doubles for every 10
oC increase in TA.
2. Pulse test duration = 2ms.
3. For design reference only, not 100% tested.
PRODUCT MARKING (SOT-23)
SST201
A01
SST202
A02
SST203
A03
SST204
A04
5010
SOT-23
G
S
D


Similar Part No. - SST201

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
SST201 LINEAR-SST201 Datasheet
203Kb / 2P
HIGH GAIN N-CHANNEL JFET
logo
Vishay Siliconix
SST201 VISHAY-SST201 Datasheet
71Kb / 5P
N-Channel JFETs
15-Mar-04
SST201 VISHAY-SST201 Datasheet
83Kb / 6P
N-Channel JFETs
15-Mar-04
SST201 VISHAY-SST201 Datasheet
83Kb / 6P
N-Channel JFETs
15-Mar-04
logo
Micross Components
SST201 MICROSS-SST201 Datasheet
276Kb / 1P
Linear Systems replaces discontinued Siliconix SST201
More results

Similar Description - SST201

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
2N4117 CALOGIC-2N4117 Datasheet
21Kb / 1P
N-Channel JFET General Purpose Amplifier
2N5457 CALOGIC-2N5457 Datasheet
17Kb / 1P
N-Channel JFET General Purpose Amplifier/Switch
logo
Intersil Corporation
2N5452 INTERSIL-2N5452 Datasheet
65Kb / 2P
DUAL N-CHANNEL JFET GENERAL PURPOSE AMPLIFIER
2N5902 INTERSIL-2N5902 Datasheet
68Kb / 2P
MONOLITHIC DUAL N CHANNEL JFET GENERAL PURPOSE AMPLIFIER
logo
New Jersey Semi-Conduct...
2N5452 NJSEMI-2N5452 Datasheet
82Kb / 2P
Dual N-Channel JFET General Purpose Amplifier
2N3921 NJSEMI-2N3921 Datasheet
74Kb / 2P
Monolithic Dual N-Channel JFET General Purpose Amplifier
logo
Calogic, LLC
J201 CALOGIC-J201_15 Datasheet
28Kb / 1P
N-Channel JFET General Purpose Amplifier
logo
Linear Integrated Syste...
J210 LINEAR-J210_14 Datasheet
182Kb / 1P
LOW NOISE N-CHANNEL JFET GENERAL PURPOSE AMPLIFIER
logo
Calogic, LLC
2N4117 CALOGIC-2N4117_15 Datasheet
33Kb / 1P
N-Channel JFET General Purpose Amplifier
2N4220 CALOGIC-2N4220_15 Datasheet
67Kb / 1P
N-Channel JFET General Purpose Amplifier/Switch
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com