Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

J211 Datasheet(PDF) 2 Page - Calogic, LLC

Part # J211
Description  N-Channel JFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

J211 Datasheet(HTML) 2 Page - Calogic, LLC

  J211 Datasheet HTML 1Page - Calogic, LLC J211 Datasheet HTML 2Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
J210 – J212 / SSTJ210 – SSTJ212
CORPORATION
ABSOLUTE MAXIMUM RATINGS (TA = 25
oC unless otherwise noted)
Parameter/Test Condition
Symbol
Limit
Unit
Gate-Drain Voltage
VGD
-25
V
Gate-Source Voltage
VGS
-25
V
Gate Current
IG
10
mA
Power Dissipation
PD
360
mW
Power Derating
3.27
mW/
oC
Operating Junction Temperature
TJ
-55 to 135
oC
Storage Temperature
Tstg
-55 to 150
oC
Lead Temperature (1/16" from case for 10 seconds)
TL
300
oC
ELECTRICAL CHARACTERISTICS (TA = 25
oC unless otherwise noted)
SYMBOL
CHARACTERISTCS
TYP
1
210
211
212
UNIT
TEST CONDITIONS
MIN
MAX
MIN
MAX
MIN
MAX
STATIC
V(BR)GSS
Gate-Source Breakdown Voltage
-35
-25
-25
-25
V
IG = -1
µA, VDS = 0V
VGS(OFF)
Gate-Source Cut off Voltage
-1
-3
-2.5
-4.5
-4
-6
VDS = 15V, ID = 1nA
IDSS
Saturation Drain Current
2
2
15720
15
40
mA
VDS = 15V, VGS = 0V
IGSS
Gate Reverse Current
-1
-100
-100
-100
pA
VGS = -15V, VDS = 0V
-0.5
nA
TA = 125
oC
IG
Gate Operating Current
-1
pA
VDG = 10V, ID = 1mA
ID(OFF)
Drain Cutoff Current
1
pA
VDS = 10V, VGS = -8V
VGS(F)
Gate-Source Forward Voltage
0.7
V
IG = 1mA, VDS = 0V
DYNAMIC
gfs
Common-Source Forward
Transconductance
4
12612
7
12
mS
VDS = 15V, VGS = 0V
f = 1kHz
gos
Common-Source Output
Conductance
150
200
200
µS
Ciss
Common-Source Input Capacitance
4
pF
VDS = 15V, VGS = 0V
f = 1MHz
Crss
Common-Source Reverse
Transfer Capacitance
1.5
en
Equivalent Input Noise Voltage
5
nV/ Hz
VDS = 15V, VGS = 0V
f = 1kHz
NOTES: 1. For design aid only, not subject to production testing.
2. Pulse test; PW = 300
µs, duty cycle ≤ 3%.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com