Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST309 Datasheet(PDF) 2 Page - Calogic, LLC

Part # SST309
Description  N-Channel JFET High Frequency Amplifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

SST309 Datasheet(HTML) 2 Page - Calogic, LLC

  SST309 Datasheet HTML 1Page - Calogic, LLC SST309 Datasheet HTML 2Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ELECTRICAL CHARACTERISTICS (Continued) (TA = 25
oC unless otherwise specified)
SYMBOL
PARAMETER
308
309
310
UNITS
TEST CONDITIONS
MIN TYP MAX MIN TYP MAX MIN TYP MAX
Cgd
Gate-Drain Capacitance
1.8
2.5
1.8
2.5
1.8
2.5
pF
VDS = 10V,
VGS = -10
f = 1MHz
(Note 2)
Cgs
Gate-Source Capacitance
4.3
5.0
4.3
5.0
4.3
5.0
en
Equivalent Short-Circuit
Input Noise Voltage
10
10
10
nV
√
Hzü
⁄ç4«ónVçXIÇÀçXäBÇÇG‘•çQXóHzâÏé
VDS = 10V,
ID = 10mA
f = 100Hz
(Note 2)
Re(Vfs)
Common-Source Forward
Transconductance
12
12
12
µS
VDS = 10V,
ID = 10mA
(Note 2)
f = 105MHz
Re(Vfg)
Common-Gate Input
Conductance
14
14
14
Re(Vis)
Common-Source Input
Conductance
0.4
0.4
0.4
Re(Vos)
Common-Source Output
Conductance
0.15
0.15
0.15
Gpg
Common-Gate Power Gain
at Noise Match
16
16
16
dB
NF
Noise Figure
1.5
1.5
1.5
Gpg
Common-Gate Power Gain
at Noise Match
11
11
11
f = 450MHz
NF
Noise Figure
2.7
2.7
2.7
NOTES: 1. Pulse test PW 300
µs, duty cycle ≤3%.
2. For design reference only, not 100% tested.
J308 – J310 / SST308 – SST310
CORPORATION
ELECTRICAL CHARACTERISTICS (TA = 25
oC unless otherwise specified)
SYMBOL
PARAMETER
308
309
310
UNITS
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
BVGSS
Gate-Source Breakdown
Voltage
-25
-25
-25
V
IG = -1
µA, VDS = 0
IGSS
Gate Reverse Current
-1.0
-1.0
-1.0
nA
VGS = -15V,
-1.0
-1.0
-1.0
µAVDS = 0
TA = 125
o
VGS(off)
Gate-Source
Cutoff Voltage
-1.0
-6.5
-1.0
-4.0
-2.0
-6.5
V
VDS = 10V, ID = 1nA
IDSS
Saturation Drain Current
(Note 1)
12
60
12
30
24
60
mA
VDS = 10V, VGS = 0
VGS(f)
Gate-Source
Forward Voltage
1.0
1.0
1.0
V
VDS = 0, IG = 1mA
gfs
Common-Source Forward
Transconductance
8,000
17,000
10,000 17,000
8,000
17,000
µS
VDS = 10V
ID = 10mA
(Note 2)
f = 1kHz
gos
Common-Source Output
Conductance
250
250
250
gfg
Common-Gate Forward
Transconductance
13,000
13,000
12,000
gog
Common Gate Output
Conductance
150
150
150



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com