Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LS390D Datasheet(PDF) 3 Page - Motorola, Inc

Part # SN74LS390D
Description  DUAL DECADE COUNTER; DUAL 4-STAGE BINARY COUNTER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

SN74LS390D Datasheet(HTML) 3 Page - Motorola, Inc

  SN74LS390D Datasheet HTML 1Page - Motorola, Inc SN74LS390D Datasheet HTML 2Page - Motorola, Inc SN74LS390D Datasheet HTML 3Page - Motorola, Inc SN74LS390D Datasheet HTML 4Page - Motorola, Inc SN74LS390D Datasheet HTML 5Page - Motorola, Inc SN74LS390D Datasheet HTML 6Page - Motorola, Inc SN74LS390D Datasheet HTML 7Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
5-546
FAST AND LS TTL DATA
SN54/74LS390
• SN54/74LS393
SN54 / 74LS390 BCD
TRUTH TABLE
(Input on CP0; Q0 CP1)
SN54/ 74LS390
÷5
TRUTH TABLE
(Input on CP1)
SN54 / 74LS393
TRUTH TABLE
COUNT
OUTPUTS
Q3 Q2 Q1 Q0
0
1
2
3
4
5
6
7
8
9
L
L
L
L
L
L
L
L
H
H
L
L
H
H
L
L
H
H
L
L
L
H
L
H
L
H
L
H
L
H
L
L
L
L
H
H
H
H
L
L
COUNT
OUTPUTS
Q3 Q2 Q1
0
1
2
3
4
L
L
L
L
H
L
H
L
H
L
L
L
H
H
L
COUNT
OUTPUTS
Q3 Q2 Q1 Q0
0
1
2
3
4
5
6
7
8
9
10
11
L
L
L
L
H
H
H
H
H
H
H
H
L
L
H
H
L
L
H
H
L
L
H
H
L
H
L
H
L
H
L
H
L
H
L
H
L
L
L
L
L
L
L
L
H
H
H
H
12
13
14
15
L
L
L
L
L
L
H
H
L
H
L
H
H
H
H
H
SN54 / 74LS390
÷10 (50% @ Q0)
TRUTH TABLE
(Input on CP1, Q3 to CP0)
COUNT
OUTPUTS
Q3 Q2 Q1 Q0
0
1
2
3
4
5
6
7
8
9
L
L
L
L
H
L
L
L
L
H
L
H
L
H
L
L
H
L
H
L
L
L
L
L
L
H
H
H
H
H
L
L
H
H
L
L
L
H
H
L
H = HIGH Voltage Level
L = LOW Voltage Level
GUARANTEED OPERATING RANGES
Symbol
Parameter
Min
Typ
Max
Unit
VCC
Supply Voltage
54
74
4.5
4.75
5.0
5.0
5.5
5.25
V
TA
Operating Ambient Temperature Range
54
74
– 55
0
25
25
125
70
°C
IOH
Output Current — High
54, 74
– 0.4
mA
IOL
Output Current — Low
54
74
4.0
8.0
mA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com